Electronic Components Datasheet Search
  English  ▼

X  

74AXP1G06GS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G06GS
Description  Low-power inverter with open-drain output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G06GS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74AXP1G06GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G06GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G06
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 15 January 2014
2 of 17
Nexperia
74AXP1G06
Low-power inverter with open-drain output
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AXP1G06GM
40 C to +85 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74AXP1G06GN
40 C to +85 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74AXP1G06GS
40 C to +85 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
74AXP1G06GX
40 C to +85 C
X2SON5
X2SON5: plastic thermal enhanced extremely thin
small outline package; no leads; 5 terminals;
body 0.8
 0.8  0.35 mm
SOT1226
Table 2.
Marking
Type number
Marking code[1]
74AXP1G06GM
rR
74AXP1G06GN
rR
74AXP1G06GS
rR
74AXP1G06GX
rR
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna618
AY
2
4
mna619
4
2
A
Y
mna620
Y
GND
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com