Electronic Components Datasheet Search
  English  ▼

X  

PDTD113Z Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PDTD113Z
Description  50 V, 500 mA NPN resistor-equipped transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTD113Z Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PDTD113Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 15Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTD113Z Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PDTD113Z_123Y_143XQA_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 31 March 2016
12 of 21
NXP Semiconductors
PDTD113Z/123Y/143XQA
50 V, 500 mA NPN resistor-equipped transistors
IC/IB =20
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 40 C
f=1 MHz; Tamb =25 C
Fig 17. PDTD123YQA: Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 18. PDTD123YQA: Collector capacitance as a
function of collector-base voltage; typical
values
aaa-020118
10-1
VCEsat
(V)
10-2
IC (mA)
1103
102
10
(1)
(2)
(3)
VCB (V)
050
40
20
30
10
aaa-020120
16
Cc
(pF)
0
4
8
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com