Electronic Components Datasheet Search
  English  ▼

X  

PDTD113EU Datasheet(PDF) 20 Page - Nexperia B.V. All rights reserved

Part # PDTD113EU
Description  500 mA, 50 V NPN resistor-equipped transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTD113EU Datasheet(HTML) 20 Page - Nexperia B.V. All rights reserved

Back Button PDTD113EU Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTD113EU Datasheet HTML 17Page - Nexperia B.V. All rights reserved PDTD113EU Datasheet HTML 18Page - Nexperia B.V. All rights reserved PDTD113EU Datasheet HTML 19Page - Nexperia B.V. All rights reserved PDTD113EU Datasheet HTML 20Page - Nexperia B.V. All rights reserved PDTD113EU Datasheet HTML 21Page - Nexperia B.V. All rights reserved PDTD113EU Datasheet HTML 22Page - Nexperia B.V. All rights reserved PDTD113EU Datasheet HTML 23Page - Nexperia B.V. All rights reserved PDTD113EU Datasheet HTML 24Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
© Nexperia B.V. 2017. All rights reserved
PDTD1XXXU_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 13 May 2014
20 of 27
Nexperia
PDTD1xxxU series
500 mA, 50 V NPN resistor-equipped transistors
VCE = 5 V
(1) Tamb = 100 C
(2) Tamb = 25 C
(3) Tamb = 40 C
IC/IB = 20
(1) Tamb = 100 C
(2) Tamb = 25 C
(3) Tamb = 40 C
Fig 46. PDTD114EU: DC current gain as a function of
collector current; typical values
Fig 47. PDTD114EU: Collector-emitter saturation
voltage as a function of collector current;
typical values
VCE = 0.3 V
(1) Tamb = 40 C
(2) Tamb = 25 C
(3) Tamb = 100 C
VCE = 5 V
(1) Tamb = 40 C
(2) Tamb = 25 C
(3) Tamb = 100 C
Fig 48. PDTD114EU: On-state input voltage as a
function of collector current; typical values
Fig 49. PDTD114EU: Off-state input voltage as a
function of collector current; typical values
aaa-012443
102
10
103
hFE
1
IC (mA)
10-1
103
102
110
(1)
(2)
(3)
aaa-012446
IC (mA)
1103
102
10
10-1
VCEsat
(V)
10-2
(1)
(2)
(3)
aaa-012451
10
1
102
VI(on)
(V)
10-1
IC (mA)
10-1
103
102
110
(1)
(2)
(3)
IC (mA)
10-1
10
1
aaa-012575
1
10
VI(off)
(V)
10-1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com