Electronic Components Datasheet Search
  English  ▼

X  

74AXP2T08 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T08
Description  Dual supply, dual 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T08 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T08 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T08 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Nexperia
74AXP2T08
Dual supply, dual 2-input AND gate
Table 8. Static characteristics supply current
At recommended operating conditions, unless otherwise specified; voltages are referenced to GND (ground = 0 V).
Tamb = -40 °C to +85 °C
Symbol Parameter
Conditions
Typ 25 °C Max 25 °C Typ 85 °C Max 85 °C
Unit
VI = 0 V or VCCI;
VCCI = 0.7 V to 1.3 V
[1]
1
100
10
300
nA
VCCI = 1.3 V to 2.75 V
[2]
1
100
20
500
nA
VCCI = 2.75 V; VCCO = 0 V
1
100
20
500
nA
ICCI
input supply
current
VCCI = 0 V; VCCO = 5.5 V
1
100
1
100
nA
VI = 0 V or VCCI; IO = 0 A;
see Table 9
VCCO = 1.2 V to 3.6 V
[1]
0.001
1.0
0.01
1.2
μA
VCCO = 3.6 V to 5.5 V
[3]
0.8
1.5
1.0
1.8
μA
VCCI = 2.75 V; VCCO = 0 V
0.001
0.1
0.003
0.2
μA
VCCI = 0 V; VCCO = 3.6 V
0.2
0.6
0.3
0.8
μA
ICCO
output supply
current
VCCI = 0 V; VCCO = 5.5 V
0.4
0.8
0.5
1.0
μA
ΔICCI
additional input
supply current
VI = VCCI - 0.5 V; VCCI = 2.5 V
2
100
14
150
μA
[1] Typical values are measured at VCCI = VCCO = 1.2 V unless otherwise specified.
[2] Typical values are measured at VCCI = VCCO = 2.5 V.
[3] Typical values are measured at VCCI = 1.2 V and VCCO = 5.0 V.
Table 9. Typical output supply current (ICCO)
VCCO
VCCI
0 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
0 V
0
1
5
20
100
200
400
nA
0.8 V
1
10
150
200
300
500
800
nA
1.2 V
1
1
5
200
300
500
800
nA
1.5 V
1
1
5
100
300
500
800
nA
1.8 V
1
1
5
100
300
500
800
nA
2.5 V
1
1
5
100
100
500
800
nA
74AXP2T08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 27 March 2019
6 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com