Electronic Components Datasheet Search
  English  ▼

X  

BAT54T Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT54T
Description  Single Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT54T Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT54T Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT54T Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT54T Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT54T Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT54T Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT54T Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT54T Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT54T Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT54T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1.
Product profile
1.1 General description
Single planar Schottky barrier diode with an integrated guard ring for stress protection,
encapsulated in a SOT416 (SC-75) ultra small Surface-Mounted Device (SMD) plastic
package.
1.2 Features
Low forward voltage: max. 400 mV
Low capacitance: max. 10 pF
Ultra small SMD plastic package
AEC-Q101 qualified
1.3 Applications
Ultra high-speed switching
Voltage clamping
Protection circuits
Blocking diode
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
BAT54T
Single Schottky barrier diode
Rev. 01 — 14 December 2009
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF =10mA
[1] --400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com