Electronic Components Datasheet Search
  English  ▼

X  

FDC05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FDC05
Description  5 WATTS OUTPUT POWER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FDC05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FDC05 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC05 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(7)
Eff
(8)
(%)
Capacitor
Load max
(9)
FDC05-12S33
9 – 18 VDC
3.3 VDC
1000mA
387mA
75
3700uF
FDC05-12S05
9 – 18 VDC
5 VDC
1000mA
556mA
79
1700uF
FDC05-12S12
9 – 18 VDC
12 VDC
470mA
610mA
81
290uF
FDC05-12S15
9 – 18 VDC
15 VDC
400mA
658mA
80
188uF
FDC05-12D05
9 – 18 VDC
± 5 VDC
± 500mA
595mA
74
± 850uF
FDC05-12D12
9 – 18 VDC
± 12 VDC
± 230mA
597mA
81
± 140uF
FDC05-12D15
9 – 18 VDC
± 15 VDC
± 190mA
609mA
82
± 47uF
FDC05-24S33 (W)
18 – 36 (9 – 36) VDC
3.3 VDC
1000mA
199 (196mA)
73 (74)
3700uF
FDC05-24S05 (W)
18 – 36 (9 – 36) VDC
5 VDC
1000mA
282 (274mA)
78 (80)
1700uF
FDC05-24S12 (W)
18 – 36 (9 – 36) VDC
12 VDC
470mA
305 (301mA)
81 (82)
290uF
FDC05-24S15 (W)
18 – 36 (9 – 36) VDC
15 VDC
400mA
325 (325mA)
81 (81)
188uF
FDC05-24D05 (W)
18 – 36 (9 – 36) VDC
± 5 VDC
± 500mA
289 (289mA)
76 (76)
± 850uF
FDC05-24D12 (W)
18 – 36 (9 – 36) VDC
± 12 VDC
± 230mA
295 (295mA)
82 (82)
± 140uF
FDC05-24D15 (W)
18 – 36 (9 – 36) VDC
± 15 VDC
± 190mA
308 (301mA)
81 (83)
± 47uF
FDC05-48S33 (W)
36 – 75 (18 – 75) VDC
3.3 VDC
1000mA
100 (100mA)
73 (73)
3700uF
FDC05-48S05 (W)
36 – 75 (18 – 75) VDC
5 VDC
1000mA
145 (149mA)
76 (74)
1700uF
FDC05-48S12 (W)
36 – 75 (18 – 75) VDC
12 VDC
470mA
151 (151mA)
82 (82)
290uF
FDC05-48S15 (W)
36 – 75 (18 – 75) VDC
15 VDC
400mA
160 (163mA)
82 (81)
188uF
FDC05-48D05 (W)
36 – 75 (18 – 75) VDC
± 5 VDC
± 500mA
149 (149mA)
74 (74)
± 850uF
FDC05-48D12 (W)
36 – 75 (18 – 75) VDC
± 12 VDC
± 230mA
149 (149mA)
81 (81)
± 140uF
FDC05-48D15 (W)
36 – 75 (18 – 75) VDC
± 15 VDC
± 190mA
154 (154mA)
81 (81)
± 47uF
PIN CONNECTION
PIN
SINGLE
DUAL OUTPUT
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
+ OUTPUT
+ OUTPUT
4
NO PIN
COMMON
5
- OUTPUT
- OUTPUT
6
CTRL (Option)
CTRL (Option)
1. All dimensions in Inches (mm)
2. Pin Pitch tolerance
I0.014(0.35)
0.40
(10.2)
0.40
(10.2)
0.50
(12.7)
1.00(25.4)
0.10(2.5)
0.20(5.1)
0.22(5.6)
0.40
(10.2)
1
2
34
5
6
Bottom
View
Note
1.
The FDC05 (W) series required a minimum 10% loading on the output to maintain specified
regulation. Operation under no-load condition will not damage these devices, however they may not
meet all listed specification
2.
Simulated source impedance of 12uH. 12uH inductor on series with + Vin.
3.
The ON/OFF control is option function. There are positive logic and negative logic. The pin voltage is
referenced to negative input
To order positive logic ON-OFF control add the suffix-P (Ex: FDC05-24S05-P)
To order negative logic ON-OFF control add the suffix-N (Ex: FDC05-24S05-N)
4.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC.
(Ground fixed and controlled environment)
5.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than
standard and M2 version.
6.
Heat sink is optional and P/N: 7G-0020A.
7.
Maximum value at nominal input voltage and full load of standard type.
8.
Typical value at nominal input voltage and full load.
9.
Test by minimum Vin and constant resistor load.
0.4
0.6
0.8
1.0
0.05
0.2
45
65
OUTPUT LOAD (A)
FDC05-48S05
Efficiency VS Output load
82
81
80
79
78
77
76
75
70
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC05-48S05 Derating Curve
Nature convection
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC05-48S05-M1 Derating Curve
Nature convection
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC05-48S05 Derating Curve
With HEAT-SINK (Note5)
Nature convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com