Electronic Components Datasheet Search
  English  ▼

X  

MP4412 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MP4412
Description  Silicon N Channel MOS Type (Four L2-pi-MOSV inOne)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4412 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MP4412 Datasheet HTML 1Page - Toshiba Semiconductor MP4412 Datasheet HTML 2Page - Toshiba Semiconductor MP4412 Datasheet HTML 3Page - Toshiba Semiconductor MP4412 Datasheet HTML 4Page - Toshiba Semiconductor MP4412 Datasheet HTML 5Page - Toshiba Semiconductor MP4412 Datasheet HTML 6Page - Toshiba Semiconductor MP4412 Datasheet HTML 7Page - Toshiba Semiconductor MP4412 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP4412
2004-07-01
2
Array Configuration
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance from channel to
ambient
(4-device operation, Ta = 25°C)
ΣRth (ch-a)
28.4
°C/W
Thermal resistance from channel to
case
(4-device operation, Tc = 25°C)
ΣRth (ch-c)
4.46
°C/W
Maximum lead temperature for
soldering purposes
(3.2 mm from case for t = 10 s)
TL
260
°C
5
4
2
3
1
6
12
11
9
10
8
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com