Electronic Components Datasheet Search
  English  ▼

X  

0821713 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0821713
Description  Marker for terminal blocks - UC2-TM 4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0821713 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0821713 Datasheet HTML 1Page - PHOENIX CONTACT 0821713 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0821713
30.05.2012   Page 1 / 2
Marker for terminal blocks - UC2-TM 4 - 0821713
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Marker for terminal blocks, Sheet, white, Unlabeled, Can be labeled with: Bluemark, Plotter,
Mounting type: Snap into tall marker groove, Lettering field: 3.45 x 8.75 mm
Why buy this product
 The UC2-TM ... UniCard labeling range includes markers for Wago terminal blocks
 The markers, which are supplied in uniform sheets, can be labeled quickly and easily using the BLUEMARK LED
 Labeling service: Phoenix Contact can custom-label all UniCard markers according to your requirements
 The multi-section marking strips are easy to fit and can be easily separated if required
 The sheets provide space for including function texts
 The markers support multi-line labeling
Key commercial data
Packing unit
0
Minimum order quantity
10
Catalog page
Page 102 (CL2-2011)
GTIN
Weight per Piece (excluding packing)
9.66 GRM
Country of origin
GERMANY
Technical data
General
Color
white
Inflammability class according to UL 94
V2
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 120 °C
Components
free from silicone and halogen
Material
PA
Number of individual labels
120
Number of individual labels per row
15


Similar Part No. - 0821713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0821739 PHOENIX-0821739 Datasheet
70Kb / 3P
UC1-TM 8
More results

Similar Description - 0821713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818111 PHOENIX-0818111 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 4
0821247 PHOENIX-0821247 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TM 6
0821674 PHOENIX-0821674 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 6
0821690 PHOENIX-0821690 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 5
0824573 PHOENIX-0824573 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 4 CUS
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
0830906 PHOENIX-0830906 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X10)
0830915 PHOENIX-0830915 Datasheet
50Kb / 3P
Marker for terminal blocks - UM3-TM (6X8)
0830916 PHOENIX-0830916 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (12X10)
0803466 PHOENIX-0803466 Datasheet
53Kb / 2P
Marker for terminal blocks - TM-PTRV 4,QR:A-D
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com