Electronic Components Datasheet Search
  English  ▼

X  

M1DA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M1DA
Description  SAME Rosc in EN/DE S.O.DIP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M1DA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M1DA Datasheet HTML 1Page - List of Unclassifed Manufacturers M1DA Datasheet HTML 2Page - List of Unclassifed Manufacturers M1DA Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SAME Rosc in EN/DE
使用同一電阻
S.O.DIP
2/3
2004-07-15
EN/DECODER
M1EA/DA
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
EN/DE
編/解碼
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
APPLICATION DIAGRAM 參考電路圖
CHIP FORM
* Rosc~M1EA : 270 KΩ, M1DA : 270 KΩ
* All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
D3
A5
A0
A1
A2
A3
A4
A6
A7
VSS
X
VDD
IR / RF
Rosc
DO
M1EA
底=VDD
1.80 X1.81 mm2
D2
D1
D0
Y
TE
M1DA
底=VDD
2.60 X 2.60 mm2
A1
VSS
A5
A2
A3
A4
A6
A7
IR / RF
A0 VDD
VT
X
Y
Rosc
DIN
D3
D1
D0
D2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com