Electronic Components Datasheet Search
  English  ▼

X  

ML65 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML65
Description  ML65 Series DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ML65 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML65 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML65 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML65 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML65 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML65 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML65 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML65 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML65 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML65 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
P1/10
Rev. B, July 2005
ML65
ML65 Series DC-DC Converter
Application
Power Source of Portable Products
Palmtops
Portable Cameras and Video Recorders
Wireless mouse and keyboard
Ordering Information
Features
Smallnumberofexternalcomponents:inductor,diodeand
capacitor.
Ultralowinputcurrent:Typical 6uA
OutputVoltageAccuracy:+/-2.5%
Low rippleandnoise
Low startupvoltage:Max0.9V(with 1mA input)
High Efficiency: Typical80%
PackageAvailable:
SOT- 89(500mW),SOT-23(150mW)&TO- 92
(300mW)
ML65
Version
Package
Designator
Package
Switching
Transistor
CE
Function
VDD Pin
FB Pin
Features
M
SOT23-3
P
SOT89-3
ML65A
T
TO-92
Build-in
Transistor
No
No
No
Lx
M
SOT23-3
P
SOT89-3
ML65B
T
TO-92
External
Transistor
No
No
No
Ext
M
SOT23-5
ML65C
P
SOT89-5
Build-in
Transistor
Yes
No
No
Lx+CE
M
SOT23-5
ML65D
P
SOT89-5
External
Transistor
Yes
No
No
Ext+CE
M
SOT23-5
ML65E
P
SOT89-5
Build-in
Transistor
No
Yes
No
Lx+VDD
M
SOT23-5
ML65F
P
SOT89-5
Build-in
Transistor
No
Yes
Yes
FB
General Description
The ML65 is a group of PWM Step-up DC/DC
converter IC with ultra-low supply current by
CMOS process.
It consists of an oscillator, a PWM control circuit, a
Lx switch driver transistor, a reference voltage unit,
an error amplifier for voltage detection and an Lx
switch protection circuit. It is suitable for use with
battery-powered instruments with low noise and
ultra low supply current.
Designator
Description
a
Version
Output Voltage
eg.
30=3.0V
33=3.3V
b
50=5.0V
c
Package Type
P = SOT-89
M = SOT-23
T = TO-92
d
Device Orientation
R = Embossed Tape
(Orientation of Device : Right)
L = Embossed Tape
(Orientation of Device : Left)
B = Bag (TO-92)


Similar Part No. - ML65

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML65 MINILOGIC-ML65 Datasheet
1Mb / 7P
DC-DC Converter
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
Active SCSI Terminator
ML6509CS MICRO-LINEAR-ML6509CS Datasheet
232Kb / 10P
Active SCSI Terminator
ML6509CT MICRO-LINEAR-ML6509CT Datasheet
232Kb / 10P
Active SCSI Terminator
ML6510 MICRO-LINEAR-ML6510 Datasheet
603Kb / 18P
Series Programmable Adaptive Clock Manager (PACMan??
More results

Similar Description - ML65

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR100 CANDD-HPR100 Datasheet
59Kb / 4P
SERIES DC/DC CONVERTER
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
SERIES DC/DC CONVERTER
logo
List of Unclassifed Man...
VBD20 ETC1-VBD20 Datasheet
134Kb / 2P
VBD20 Series DC-DC Converter
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
ISE Series DC-DC Converter
ITX0503SA XPPOWER-ITX0503SA Datasheet
297Kb / 3P
ITX Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
JHL03 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
JHL06 Series DC-DC Converter
RCQ75 XPPOWER-RCQ75 Datasheet
503Kb / 5P
RCQ75 Series DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com