Electronic Components Datasheet Search
  English  ▼

X  

PMEG2020EPAS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMEG2020EPAS
Description  20 V, 2 A low VF MEGA Schottky barrier rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2020EPAS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMEG2020EPAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2020EPAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2020EPAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2020EPAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2020EPAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2020EPAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2020EPAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2020EPAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2020EPAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMEG2020EPAS
20 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG2020EPAS
All information provided in this document is subject to legal disclaimers.
Product data sheet
19 January 2015
2 / 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 2 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C; pulsed
-
385
420
mV
IR
reverse current
VR = 20 V; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C; pulsed
-
335
1900
µA
[1] Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
A
anode
2
A
anode
3
K
cathode
Transparent top view
1
2
3
DFN2020D-3 (SOT1061D)
006aab624
3
1, 2
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMEG2020EPAS
DFN2020D-3
DFN2020D-3: plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals; body 2 x 2 x 0.65 mm
SOT1061D
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMEG2020EPAS
CN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com