Electronic Components Datasheet Search
  English  ▼

X  

2104A Datasheet(PDF) 1 Page - Belden Inc.

Part # 2104A
Description  Fieldbus, 12 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2104A Datasheet(HTML) 1 Page - Belden Inc.

  2104A Datasheet HTML 1Page - Belden Inc. 2104A Datasheet HTML 2Page - Belden Inc. 2104A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 2104A
Fieldbus, 12 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
Product Description
Fieldbus, 12 Pair 18AWG (7x26) Tinned Copper, XLPO Insulation, Individual & Overall Beldfoil® Shield, Orange TPE Outer Jacket, CMG
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
18
7x26
TC - Tinned Copper 12
Conductor Count:
24
Insulation
Material
Nominal Wall Thickness
XLP - Cross Linked Polyolefin 0.032 in
Color Chart
Number
Color
1
Blue and Orange Numbered 1
2
Blue and Orange Numbered 2
3
Blue and Orange Numbered 3
4
Blue and Orange Numbered 4
5
Blue and Orange Numbered 5
6
Blue and Orange Numbered 6
7
Blue and Orange Numbered 7
8
Blue and Orange Numbered 8
9
Blue and Orange Numbered 9
10
Blue and Orange Numbered 10
11
Blue and Orange Numbered 11
12
Blue and Orange Numbered 12
Inner Shield Material
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape
Aluminum Foil-Polyester
Tape
Beldfoil®
100 %
TC - Tinned Copper 20
7x28
Outer Shield Material
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape Aluminum/Polyester Beldfoil®
100 %
TC - Tinned Copper 18
7x26 mm
Outer Jacket Material
Material
Nominal Diameter Nominal Wall Thickness Ripcord
TPE - Thermoplastic Elastomer 1.015 in
0.085 in
Yes
Electrical Characteristics
Conductor DCR


Similar Part No. - 2104A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2104 POMONA-2104 Datasheet
22Kb / 1P
Phenolic Box With Cover
logo
3M Electronics
2104 3M-2104 Datasheet
77Kb / 4P
3M??Scotchcast??Electrical Insulating Resin 2104
logo
Heyco.
2104 HEYCO-2104 Datasheet
133Kb / 1P
Snap Bushings
logo
Christian Bürkert GmbH ...
2104 BURKERT-2104 Datasheet
831Kb / 14P
Control head for decentralised automation of ELEMENT process valves
07.03.2024
2104 BURKERT-2104 Datasheet
968Kb / 13P
Pneumatic control unit for decentralised automation of process valves ELEMENT
07.03.2024
More results

Similar Description - 2104A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2100A BELDEN-2100A Datasheet
255Kb / 3P
Fieldbus, 1 Pr #18 Str TC, XLPO Ins, OS, TPE Jkt, CMG
2101A BELDEN-2101A Datasheet
256Kb / 3P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2102A BELDEN-2102A Datasheet
256Kb / 3P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2103A BELDEN-2103A Datasheet
256Kb / 3P
Fieldbus, 8 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2105A BELDEN-2105A Datasheet
257Kb / 3P
Fieldbus, 16 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2106A BELDEN-2106A Datasheet
257Kb / 3P
Fieldbus, 20 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2107A BELDEN-2107A Datasheet
256Kb / 3P
Fieldbus, 24 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2108A BELDEN-2108A Datasheet
259Kb / 4P
Fieldbus, 50 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2113A BELDEN-2113A Datasheet
257Kb / 3P
Fieldbus, 12 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2116A BELDEN-2116A Datasheet
256Kb / 3P
Fieldbus, 24 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com