Electronic Components Datasheet Search
  English  ▼

X  

IRF1104LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF1104LPBF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1104LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF1104LPBF Datasheet HTML 1Page - International Rectifier IRF1104LPBF Datasheet HTML 2Page - International Rectifier IRF1104LPBF Datasheet HTML 3Page - International Rectifier IRF1104LPBF Datasheet HTML 4Page - International Rectifier IRF1104LPBF Datasheet HTML 5Page - International Rectifier IRF1104LPBF Datasheet HTML 6Page - International Rectifier IRF1104LPBF Datasheet HTML 7Page - International Rectifier IRF1104LPBF Datasheet HTML 8Page - International Rectifier IRF1104LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF1104S/LPbF
HEXFET® Power MOSFET
PD - 95526
l Advanced Process Technology
l Ultra Low On-Resistance
l Surface Mount (IRF1104S)
l Low-profile through-hole (IRF1104L)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.9
RθJA
Junction-to-Ambient(PCB Mounted,steady-state)**
–––
62
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
100
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
71
†
A
IDM
Pulsed Drain Current
…
400
PD @TA = 25°C
Power Dissipation
2.4
W
PD @TC = 25°C
Power Dissipation
170
W
Linear Derating Factor
1.1
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚…
350
mJ
IAR
Avalanche Current

60
A
EAR
Repetitive Avalanche Energy

17
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
FifthGenerationHEXFETsfromInternationalRectifierutilize
advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
thefastswitchingspeedandruggedizeddevicedesignthat
HEXFETPowerMOSFETsarewellknownfor,providesthe
designer with an extremely efficient and reliable device for
use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highestpowercapabilityandthelowestpossibleon-resistance
in any existing surface mount package. The D2Pak is
suitable for high current applications because of its low
internalconnectionresistanceandcandissipateupto2.0W
in a typical surface mount application.
The through-hole version (IRF1104L) is available for low-
profileapplications.
Description
2
D Pak
TO-262
S
D
G
7/20/04
www.irf.com
1
VDSS = 40V
RDS(on) = 0.009Ω
ID = 100A
…
l Lead-Free


Similar Part No. - IRF1104LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104L IRF-IRF1104L Datasheet
208Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRF1104LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com