Electronic Components Datasheet Search
  English  ▼

X  

PQMD2 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PQMD2
Description  NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 22 k廓
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PQMD2 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PQMD2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PQMD2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PQMD2
NPN/PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ
PQMD2
All information provided in this document is subject to legal disclaimers.
Product data sheet
4 November 2015
2 / 17
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
GND1
GND (emitter) TR1
2
I1
input ( base) TR1
3
O2
output (collector) TR2
4
GND2
GND (emitter) TR2
5
I2
input ( base) TR2
6
O1
output (collector) TR1
7
O1
output (collector) TR1
8
O2
output (collector) TR2
Transparent top view
1
6
7
8
2
3
5
4
DFN1010B-6 (SOT1216)
O1 I2
GND2
GND1
I1 O2
R2
TR1
TR2
R1
R2
R1
aaa-007379
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PQMD2
DFN1010B-6
DFN1010B-6: plastic thermal enhanced ultra thin small
outline package; no leads; 6 terminals
SOT1216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com