Electronic Components Datasheet Search
  English  ▼

X  

129463 Datasheet(PDF) 2 Page - Belden Inc.

Part # 129463
Description  Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt, CM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

129463 Datasheet(HTML) 2 Page - Belden Inc.

  129463 Datasheet HTML 1Page - Belden Inc. 129463 Datasheet HTML 2Page - Belden Inc. 129463 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
19.7 pF/ft
36 pF/ft
Inductance
Nominal Inductance
0.12 µH/ft
Impedance
Nominal Characteristic Impedance
78 Ohm
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
1 MHz
0.6 dB/100ft
10 MHz
2.1 dB/100ft
50 MHz
5 dB/100ft
100 MHz
7.5 dB/100ft
200 MHz
11 dB/100ft
400 MHz
16 dB/100ft
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.54 ns/ft
66 %
High Freq
Frequency [MHz]
1 MHz
10 MHz
50 MHz
100 MHz
200 MHz
400 MHz
Voltage
UL Voltage Rating
300 V RMS
Electrical Characteristics Notes:
DC Resistance Unbalance: .77 Ohms/1000 ft Max
Temperature Range
UL Temp Rating:
60°C
Operating Temp Range:
-40°C To +60°C
Mechanical Characteristics
Bulk Cable Weight:
133 lbs/1000ft
Max Recommended Pulling Tension:
200 lbs
Min Bend Radius/Minor Axis:
6.5 in
Standards
Customer Part Number Reference Spec:
Allen Bradley P/N 1770-CD
NEC/(UL) Specification:
CL2, CM
CEC/C(UL) Specification:
CM
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com