Electronic Components Datasheet Search
  English  ▼

X  

9880 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9880
Description  MIL-C-17G QPL Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9880 Datasheet(HTML) 2 Page - Belden Inc.

  9880 Datasheet HTML 1Page - Belden Inc. 9880 Datasheet HTML 2Page - Belden Inc. 9880 Datasheet HTML 3Page - Belden Inc. 9880 Datasheet HTML 4Page - Belden Inc. 9880 Datasheet HTML 5Page - Belden Inc. 9880 Datasheet HTML 6Page - Belden Inc. 9880 Datasheet HTML 7Page - Belden Inc. 9880 Datasheet HTML 8Page - Belden Inc. 9880 Datasheet HTML 9Page - Belden Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
COAXIAL
CABLES
6.82
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Miniature • 28 AWG Solid .013
″ Tinned Copper Conductor • Bare Copper Braid Shield (90% Coverage)
Polypropylene Insulation • Black PVC Jacket
105°C
8700
NEC:
250
76.2
.8
.3
28 AWG
.023
.58
BC Braid
.054
1.37
32
66%
55.2
181.1
VW-1
CMH
(solid)
90% Shield
CEC:
.013
″
Coverage
CMH FT1
TC
28.7
Ω/M′
66.9
Ω/M′
94.2
Ω/km
219.5
Ω/km
Low Noise • RG-174/U Type • 26 AWG Stranded (7x34) .019
″ Bare Copper-covered Steel Conductor • TC Braid Shield (90% Coverage)
Polyethylene Insulation • Conductive Layer • Black PVC Jacket
60°C
9239
—
100
30.5
1.0
.5
26 AWG
.044
1.12
TC Braid
.101
2.57
50
62%
38
125
—
—
—
500
152.4
4.5
2.0
(7x34)
90% Shield
1000
304.8
8.0
3.6
.019
″
Coverage
BCCS
14.0
Ω/M′
97.0
Ω/M′
45.9
Ω/km
318.3
Ω/km
5mV peak-to-peak max.
Not recommended for RF use.
Low Noise • RG-59/U Type • 22 AWG Solid .025
″ Bare Copper-covered Steel Conductor • Bare Copper Braid Shield (93% Coverage)
Polyethylene Insulation • Conductive Layer • Black PVC Jacket
75°C
9224
—
U-500 U-152.4
19.5
8.9
22 AWG
.146
3.71
BC Braid
.242
6.15
75
65%
22
72
—
—
—
VW-1
1000
304.8
39.0 17.7
(solid)
93% Shield
.025
″
Coverage
BCCS
2.5
Ω/M′
54.0
Ω/M′
8.2
Ω/km
177.0
Ω/km
5mV peak-to-peak max.
Not recommended for RF use.
Low Noise • RG-58/U Type • 22 AWG Stranded (7x30) .030
″ TC Conductor • Duobond® II + TC Braid Shield (95% Coverage)
Polyethylene Insulation • Conductive Layer • Black PVC Jacket
80°C
9223
—
100
30.5
3.4
1.5
22 AWG
.112
2.85
Duobond II* .195
4.95
50
56%
37
122
—
—
—
VW-1
500
152.4
12.0
5.4
(7x30)
+ 95%
1000
304.8
24.0 10.9
.030
″
TC Braid
TC
100% Shield
10.8
Ω/M′
Coverage
35.4
Ω/km
4.1
Ω/M′
8mV peak-to-peak max.
13.5
Ω/km
Not recommended for RF use.
BC = Bare Copper • BCCS = Bare Copper-covered Steel • DCR = DC Resistance • TC = Tinned Copper
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1.
*Duobond II = Bonded Duofoil
® (100% coverage) + aluminum braid (67% coverage).
Special Audio, Communication and Instrumentation Cable
Miniature Instrumentation and Low Triboelectric Noise Coax
1
2.5
8.2
10
7.7
25.3
50
17.2
56.4
100
24.5
80.4
200
34.8 114.2
400
50.0 164.4
700
66.0 216.5
900
75.0 246.1
1000
79.0 259.2
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com