Electronic Components Datasheet Search
  English  ▼

X  

LM35CH Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM35CH
Description  Precision Centigrade Temperature Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM35CH Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM35CH Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM35CH Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM35CH Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM35CH Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM35CH Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM35CH Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM35CH Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM35CH Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM35CH Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM35
Precision Centigrade Temperature Sensors
General Description
The LM35 series are precision integrated-circuit temperature
sensors, whose output voltage is linearly proportional to the
Celsius (Centigrade) temperature. The LM35 thus has an
advantage over linear temperature sensors calibrated in
˚ Kelvin, as the user is not required to subtract a large
constant voltage from its output to obtain convenient Centi-
grade scaling. The LM35 does not require any external
calibration or trimming to provide typical accuracies of ±1⁄4˚C
at room temperature and ±3⁄4˚C over a full −55 to +150˚C
temperature range. Low cost is assured by trimming and
calibration at the wafer level. The LM35’s low output imped-
ance, linear output, and precise inherent calibration make
interfacing to readout or control circuitry especially easy. It
can be used with single power supplies, or with plus and
minus supplies. As it draws only 60 µA from its supply, it has
very low self-heating, less than 0.1˚C in still air. The LM35 is
rated to operate over a −55˚ to +150˚C temperature range,
while the LM35C is rated for a −40˚ to +110˚C range (−10˚
with improved accuracy). The LM35 series is available pack-
aged in hermetic TO-46 transistor packages, while the
LM35C, LM35CA, and LM35D are also available in the
plastic TO-92 transistor package. The LM35D is also avail-
able in an 8-lead surface mount small outline package and a
plastic TO-220 package.
Features
n
Calibrated directly in ˚ Celsius (Centigrade)
n
Linear + 10.0 mV/˚C scale factor
n
0.5˚C accuracy guaranteeable (at +25˚C)
n
Rated for full −55˚ to +150˚C range
n
Suitable for remote applications
n
Low cost due to wafer-level trimming
n
Operates from 4 to 30 volts
n
Less than 60 µA current drain
n
Low self-heating, 0.08˚C in still air
n
Nonlinearity only ±1⁄4˚C typical
n
Low impedance output, 0.1
Ω for 1 mA load
Typical Applications
DS005516-3
FIGURE 1. Basic Centigrade Temperature Sensor
(+2˚C to +150˚C)
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LM35CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35CH NSC-LM35CH Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35CH NSC-LM35CH Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35CH TI1-LM35CH Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM35CH TI1-LM35CH Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
LM35CH TI1-LM35CH Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
More results

Similar Description - LM35CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM45B NSC-LM45B Datasheet
195Kb / 8P
SOT-23 Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35 Datasheet
348Kb / 15P
LM35 Precision Centigrade Temperature Sensors
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM35CZ TI1-LM35CZ Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
LM35 TI-LM35_15 Datasheet
2Mb / 32P
LM35 Precision Centigrade Temperature Sensors
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com