Electronic Components Datasheet Search
  English  ▼

X  

PQMH2 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PQMH2
Description  NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PQMH2 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PQMH2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PQMH2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PQMH2
NPN/NPN resistor-equipped transistors;
R1 = 47 kΩ, R2 = 47 kΩ
4 November 2015
Product data sheet
1. General description
NPN/NPN Resistor-Equipped Transistors (RET) in a leadless ultra small DFN1010B-6
(SOT1216) Surface-Mounted Device (SMD) plastic package.
NPN/PNP complement: PQMD12.
2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Low package height of 0.37 mm
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified
3. Applications
• Low current peripheral driver
• Control of IC inputs
• Replaces general-purpose transistors in digital applications
• Mobile applications
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
Per transistor
R1
bias resistor 1
[1]
33
47
61
kΩ
R2/R1
bias resistor ratio
Tamb = 25 °C
[1]
0.8
1
1.2
[1] See section "Test information" for resistor calculation and test conditions.


Similar Part No. - PQMH2

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PQMH10 NEXPERIA-PQMH10 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
PQMH11 NEXPERIA-PQMH11 Datasheet
707Kb / 14P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
PQMH13 NEXPERIA-PQMH13 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
PQMH9 NEXPERIA-PQMH9 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors;
More results

Similar Description - PQMH2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
PDTC144EMB PHILIPS-PDTC144EMB_15 Datasheet
725Kb / 11P
NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
Rev. 1-11 June 2012
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PDTC144EMB NEXPERIA-PDTC144EMB Datasheet
966Kb / 12P
NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
PQMH13 NEXPERIA-PQMH13 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com