Electronic Components Datasheet Search
  English  ▼

X  

PQMH13 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PQMH13
Description  NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PQMH13 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PQMH13 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PQMH13 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PQMH13 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PQMH13 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PQMH13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PQMH13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PQMH13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PQMH13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PQMH13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PQMH13
NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ
PQMH13
All information provided in this document is subject to legal disclaimers.
Product data sheet
4 November 2015
3 / 14
7. Marking
Table 4.
Marking codes
Type number
Marking code
PQMH13
A 100
MARKING CODE
(EXAMPLE)
PIN 1
INDICATION MARK
YEAR DATE CODE
READING
DIRECTION
READING EXAMPLE:
A 110
aaa-019766
MARK-FREE AREA
VENDOR CODE
Fig. 1. DFN1010B-6 (SOT1216) binary marking code description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com