Electronic Components Datasheet Search
  English  ▼

X  

MMBT8050 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBT8050
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBT8050 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBT8050 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT8050 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT8050 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBT8050
NPN Transistor
1 / 3
www.pingjingsemi.com
Revision:1.1 Jan-2019
Features
For Switching and Amplifier Applications.
As Complementary Type of the PNP Transistor
MMBT8550 is Recommended.
Absolute Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
40
V
Collector Emitter Voltage
VCEO
25
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
600
mA
Power Dissipation
PD
350
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55 to 150
℃
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 100 mA Current Gain Group
C
D
at VCE = 1 V, IC = 500 mA
HFE
100
160
40
-
-
250
400
-
Collector Base Cutoff Current
at VCB = 35 V
ICBO
-
-
100
nA
Collector Base Breakdown Voltage
at IC = 10 μA
V(BR)CBO
40
-
-
V
Collector Emitter Breakdown Voltage
at IC = 2 mA
V(BR)CEO
25
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 μA
V(BR)EBO
6
-
-
V
Collector Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VCE(sat)
-
-
0.5
V
Base Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VBE(sat)
-
-
1.2
V
Transition Frequency
at VCE = 5 V, IC = 10 mA
FT
-
100
-
MHz
SOT-23
(TO-236)
1.Base 2.Emitter 3.Collector
Marking:D9D


Similar Part No. - MMBT8050

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBT8050 SEMTECH_ELEC-MMBT8050 Datasheet
145Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
Kingtronics Internation...
MMBT8050 KINGTRONICS-MMBT8050 Datasheet
313Kb / 2P
For switching and amplifier applications
logo
Nanjing International G...
MMBT8050 DGNJDZ-MMBT8050 Datasheet
62Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
ARTSCHIP ELECTRONICS CO...
MMBT8050 ARTSCHIP-MMBT8050 Datasheet
1Mb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Bytesonic Electronics C...
MMBT8050 BYTESONIC-MMBT8050 Datasheet
485Kb / 3P
TRANSISTOR(NPN)
2016/6/27
More results

Similar Description - MMBT8050

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com