Electronic Components Datasheet Search
  English  ▼

X  

0830909 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830909
Description  Marker for terminal blocks - UM1-TM (6X12)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830909 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830909 Datasheet HTML 1Page - PHOENIX CONTACT 0830909 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0830909
11/20/2019   Page 1 / 2
Marker for terminal blocks - UM1-TM (6X12) - 0830909
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Markers for marking terminal blocks from Weidmüller, Conta Clip, and Klemsan, 20-section, unmarked, can
be marked with THERMOMARK CARD and BLUEMARK, color: white
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4046356910422
Technical data
Dimensions
Length (b)
12 mm
Width (a)
6 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
General
Color
white
Type
high
Components
free from silicone, halogen, and cadmium
Flammability rating according to UL 94
V2
Material
PC
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
20
Number of individual labels per row
10
Number of marker strips
2
Printability
Thermal transfer


Similar Part No. - 0830909

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830902 PHOENIX-0830902 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TMF (5X5)
0830903 PHOENIX-0830903 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (6X10)
0830904 PHOENIX-0830904 Datasheet
49Kb / 3P
Marker for terminal blocks - UM1-TMF (6X5)
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
0830906 PHOENIX-0830906 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X10)
More results

Similar Description - 0830909

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830903 PHOENIX-0830903 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (6X10)
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
0830906 PHOENIX-0830906 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X10)
0830912 PHOENIX-0830912 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (5X12)
0830916 PHOENIX-0830916 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (12X10)
0830920 PHOENIX-0830920 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X12)
0830924 PHOENIX-0830924 Datasheet
48Kb / 3P
Marker for terminal blocks - UM1-TMF (8X5)
0830925 PHOENIX-0830925 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (3,5X12)
0830926 PHOENIX-0830926 Datasheet
49Kb / 3P
Marker for terminal blocks - UM6M-TM (6X12)
0830935 PHOENIX-0830935 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TMF (3,5X5)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com