Electronic Components Datasheet Search
  English  ▼

X  

0830928 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830928
Description  Marker for terminal blocks - UM6M-TM (5X12)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830928 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830928 Datasheet HTML 1Page - PHOENIX CONTACT 0830928 Datasheet HTML 2Page - PHOENIX CONTACT 0830928 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0830928
08/01/2016   Page 1 / 3
Marker for terminal blocks - UM6M-TM (5X12) - 0830928
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Markers for marking terminal blocks from ABB/Entrelec, 24-section, unmarked, can be marked with
THERMOMARK CARD and BLUEMARK, color: white
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
10 STK
Weight per Piece (excluding packing)
1.9 g
Custom tariff number
39269097
Country of origin
Poland
Technical data
Dimensions
Length (b)
12 mm
Width (a)
5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
General
Color
white
Components
free from silicone, halogen, and cadmium
Flammability rating according to UL 94
V2
Material
PC
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
24
Number of individual labels per row
12
Number of marker strips
2
RoHS compliant
Yes
Printability
Thermal transfer
UV LED technologie


Similar Part No. - 0830928

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830920 PHOENIX-0830920 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X12)
0830921 PHOENIX-0830921 Datasheet
49Kb / 3P
Marker for terminal blocks - UM6R-TM (6X10)
0830922 PHOENIX-0830922 Datasheet
49Kb / 3P
Marker for terminal blocks - UM5-TM (5X10)
0830923 PHOENIX-0830923 Datasheet
49Kb / 3P
Marker for terminal blocks - UM6R-TM (5X10)
0830924 PHOENIX-0830924 Datasheet
48Kb / 3P
Marker for terminal blocks - UM1-TMF (8X5)
More results

Similar Description - 0830928

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0821247 PHOENIX-0821247 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TM 6
0821713 PHOENIX-0821713 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 4
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
0830906 PHOENIX-0830906 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X10)
0830912 PHOENIX-0830912 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (5X12)
0830915 PHOENIX-0830915 Datasheet
50Kb / 3P
Marker for terminal blocks - UM3-TM (6X8)
0830916 PHOENIX-0830916 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (12X10)
0830917 PHOENIX-0830917 Datasheet
50Kb / 3P
Marker for terminal blocks - UM3-TM (5X8)
0830926 PHOENIX-0830926 Datasheet
49Kb / 3P
Marker for terminal blocks - UM6M-TM (6X12)
0830939 PHOENIX-0830939 Datasheet
49Kb / 3P
Marker for terminal blocks - UM6M-TM (8X12)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com