Electronic Components Datasheet Search
  English  ▼

X  

DF2024 Datasheet(PDF) 2 Page - SHINMEI ELECTRIC CO., LTD.

Part # DF2024
Description  Flapper Type SOLENOIDS DF2024 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

DF2024 Datasheet(HTML) 2 Page - SHINMEI ELECTRIC CO., LTD.

  DF2024 Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. DF2024 Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DF2024 Series
2/2
SHINMEI ELECTRIC CO., LTD.
[] Dimensions
Unit: mm
No
Style
1
DF2024-090
[] Notes
1.
The appearance and specifications of the products may be modified without prior notice to improve its performance.
2.
This catalogue shows only outline specifications. When using the product, please obtain formal specifications.
3.
Please see appendix [How to Select solenoid].
4.
Please confirm the performance on actual operation by simulation with actual environments for high reliability.
5.
Please avoid the storage in dusty environment. If you store the products for a long time, do not keep open the package.
6.
Please take care for the usage in high humid atmosphere and design-in to meet the operating condition of the device,
for the coil resistance increases 0.4%/degree Celsius depending on the operating ambient temperature.
7.
Please feel free to contact us for the models with other coil resistances and shapes of armature-tip.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com