Electronic Components Datasheet Search
  English  ▼

X  

DL09 Datasheet(PDF) 2 Page - SHINMEI ELECTRIC CO., LTD.

Part # DL09
Description  Self-Latching Solenoids ??Thin form type DL09 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

DL09 Datasheet(HTML) 2 Page - SHINMEI ELECTRIC CO., LTD.

  DL09 Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. DL09 Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. DL09 Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DL09 Series
2/3
SHINMEI ELECTRIC CO., LTD.
[] Dimensions
Unit: mm
No
Style
DL0916S2-015-2 (Bobbin 4mm thickness)
1
The dimensions at stroke 0mm
DL0916S2-030-10A (Bobbin 4mm thickness)
2
The dimensions at stroke 0mm
DL0915S3-015-10 (Bobbin 3.4mm thickness)
3
The dimensions at stroke 0mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com