Electronic Components Datasheet Search
  English  ▼

X  

0830945 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830945
Description  Marker for terminal blocks - UM7-TM (8X10)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830945 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830945 Datasheet HTML 1Page - PHOENIX CONTACT 0830945 Datasheet HTML 2Page - PHOENIX CONTACT 0830945 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0830945
08/01/2016   Page 1 / 3
Marker for terminal blocks - UM7-TM (8X10) - 0830945
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Markers for marking terminal blocks from Legrand, 14-section, unmarked, can be marked with THERMOMARK
CARD and BLUEMARK, color: white
The figure shows version
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
10 STK
Weight per Piece (excluding packing)
1.9 g
Custom tariff number
39269097
Country of origin
Poland
Technical data
Dimensions
Length (b)
10 mm
Width (a)
8 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
General
Color
white
Components
free from silicone, halogen, and cadmium
Flammability rating according to UL 94
V2
Material
PC
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
14
Number of individual labels per row
7
Number of marker strips
2
RoHS compliant
Yes
Printability
Thermal transfer
UV LED technologie


Similar Part No. - 0830945

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830943 PHOENIX-0830943 Datasheet
48Kb / 2P
Marker for terminal blocks - UM8-TM (6X9)
0830946 PHOENIX-0830946 Datasheet
48Kb / 2P
Marker for terminal blocks - UM8-TM (5X9)
More results

Similar Description - 0830945

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0821247 PHOENIX-0821247 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TM 6
0821713 PHOENIX-0821713 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 4
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
0830906 PHOENIX-0830906 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X10)
0830915 PHOENIX-0830915 Datasheet
50Kb / 3P
Marker for terminal blocks - UM3-TM (6X8)
0830916 PHOENIX-0830916 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (12X10)
0830917 PHOENIX-0830917 Datasheet
50Kb / 3P
Marker for terminal blocks - UM3-TM (5X8)
0830931 PHOENIX-0830931 Datasheet
50Kb / 3P
Marker for terminal blocks - UM7-TM (6X10)
0830932 PHOENIX-0830932 Datasheet
49Kb / 3P
Marker for terminal blocks - UM6R-TM (8X10)
0830933 PHOENIX-0830933 Datasheet
50Kb / 3P
Marker for terminal blocks - UM7-TM (5X10)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com