Electronic Components Datasheet Search
  English  ▼

X  

1007222 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1007222
Description  Marker cards - SBS 6:UNBEDRUCKT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007222 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1007222 Datasheet HTML 1Page - PHOENIX CONTACT 1007222 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1007222
20.06.2012   Page 1 / 2
Marker cards - SBS 6:UNBEDRUCKT - 1007222
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Marker cards, Card, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into tall
marker groove, Snap into flat marker groove, For terminal block width: 6.2 mm, Lettering field: 6 x 6.1
mm
The illustration shows the
product version
Key commercial data
Packing unit
1
Minimum order quantity
1
GTIN
Custom tariff number
39207380
Country of origin
GERMANY
Technical data
General
Note
Can be labeled with CMS
Width (a)
6.1 mm
Color
white
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-30 °C ... 110 °C
Material
cellulose acetate
Number of individual labels
250
Number of individual labels per row
10
Classifications
eclass
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103
eCl@ss 5.1
27149103
eCl@ss 6.0
27141137


Similar Part No. - 1007222

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
10072 TURCK-10072 Datasheet
196Kb / 4P
NI10-K20-Y1
11/07/2023
logo
Heyco.
10072 HEYCO-10072 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
ATGBICS by Approved Tec...
10072-C ATGBICS-10072-C Datasheet
322Kb / 9P
10072 Extreme Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
PHOENIX CONTACT
1007219 PHOENIX-1007219 Datasheet
48Kb / 2P
Marker cards - SBS 5:UNBEDRUCKT
logo
Amphenol Communications...
10072353 AMPHENOLCS-10072353 Datasheet
2Mb / 15P
Minitek® Crimp-to-Wire
More results

Similar Description - 1007222

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805425 PHOENIX-0805425 Datasheet
54Kb / 2P
Marker cards - SK 6,2/3,8:UNBEDRUCKT
19.09.2012
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
0828489 PHOENIX-0828489 Datasheet
57Kb / 3P
Marker cards - SBS 6 CUS
0828490 PHOENIX-0828490 Datasheet
56Kb / 2P
Marker cards - SBS 8 CUS
1007219 PHOENIX-1007219 Datasheet
48Kb / 2P
Marker cards - SBS 5:UNBEDRUCKT
1007248 PHOENIX-1007248 Datasheet
46Kb / 2P
Marker cards - SBS10:UNBEDRUCKT
1007329 PHOENIX-1007329 Datasheet
53Kb / 2P
Marker cards - SBS 6: 1- 500
1007358 PHOENIX-1007358 Datasheet
52Kb / 2P
Marker cards - SBS 6: 501-1000
1008166 PHOENIX-1008166 Datasheet
52Kb / 2P
Marker cards - SBS 6:L1-N,PE
1051003 PHOENIX-1051003 Datasheet
49Kb / 2P
Zack marker strip - ZB 6:UNBEDRUCKT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com