Electronic Components Datasheet Search
  English  ▼

X  

1007248 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1007248
Description  Marker cards - SBS10:UNBEDRUCKT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007248 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1007248 Datasheet HTML 1Page - PHOENIX CONTACT 1007248 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1007248
20.06.2012   Page 1 / 2
Marker cards - SBS10:UNBEDRUCKT - 1007248
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Marker cards, Card, white, Unlabeled, Can be labeled with: Plotter, Perforated, Mounting type: Snap
into tall marker groove, Snap into flat marker groove, For terminal block width: 10 mm
The illustration shows the
product version
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 454 (CC-2007)
GTIN
Custom tariff number
39207380
Country of origin
GERMANY
Technical data
General
Note
Can be labeled with CMS
Color
white
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Wipe resistance
DIN VDE 0611
Ambient temperature (operation)
-30 °C ... 110 °C
Material
cellulose acetate
Number of individual labels
250
Classifications
eclass
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103
eCl@ss 5.1
27149103
eCl@ss 6.0
27141137


Similar Part No. - 1007248

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1007243 PHOENIX-1007243 Datasheet
180Kb / 4P
SF-06KS010 - Crimp contact
More results

Similar Description - 1007248

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0805425 PHOENIX-0805425 Datasheet
54Kb / 2P
Marker cards - SK 6,2/3,8:UNBEDRUCKT
19.09.2012
0811972 PHOENIX-0811972 Datasheet
54Kb / 2P
Zack marker strip - ZB 15:UNBEDRUCKT
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0829414 PHOENIX-0829414 Datasheet
62Kb / 3P
Zack marker strip - ZB 3,5:UNBEDRUCKT
1007044-0081 PHOENIX-1007044-0081 Datasheet
49Kb / 2P
Marker for terminal blocks - SBS10:FORTL.ZAHLEN81-100
1007219 PHOENIX-1007219 Datasheet
48Kb / 2P
Marker cards - SBS 5:UNBEDRUCKT
1007222 PHOENIX-1007222 Datasheet
52Kb / 2P
Marker cards - SBS 6:UNBEDRUCKT
1052002 PHOENIX-1052002 Datasheet
55Kb / 2P
Zack marker strip - ZB 8:UNBEDRUCKT
0829391 PHOENIX-0829391 Datasheet
112Kb / 3P
Zack marker strip - ZB 17:UNBEDRUCKT
01/21/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com