Electronic Components Datasheet Search
  English  ▼

X  

EDS1232CASE Datasheet(PDF) 49 Page - Elpida Memory

Part # EDS1232CASE
Description  128M bits SDRAM (4M words x 32 bits)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232CASE Datasheet(HTML) 49 Page - Elpida Memory

Back Button EDS1232CASE Datasheet HTML 45Page - Elpida Memory EDS1232CASE Datasheet HTML 46Page - Elpida Memory EDS1232CASE Datasheet HTML 47Page - Elpida Memory EDS1232CASE Datasheet HTML 48Page - Elpida Memory EDS1232CASE Datasheet HTML 49Page - Elpida Memory EDS1232CASE Datasheet HTML 50Page - Elpida Memory EDS1232CASE Datasheet HTML 51Page - Elpida Memory EDS1232CASE Datasheet HTML 52Page - Elpida Memory EDS1232CASE Datasheet HTML 53Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
EDS1232CASE
Data Sheet E0351E30 (Ver. 3.0)
49
Power Down Mode
CLK
CKE
/CS
/RAS
/CAS
/WE
BS
Address
DQM
DQ (input)
DQ (output)
Precharge command
If needed
Power down entry
Active Bank 0
Power down
mode exit
CKE Low
R: a
A10=1
RP
t
High-Z
Power down cycle
/RAS-/CAS delay = 3
/CAS latency = 3
Burst length = 4
= VIH or VIL
Initialization Sequence
78
9
10
52
53
54
48
49
50
51
Auto Refresh
Bank active
If needed
RC
t
RC
t
Auto Refresh
Valid
0
123
4
5
6
CLK
CKE
/CS
/RAS
/CAS
/WE
Address
DQM
DQ
valid
lMRD
tRP
All banks
Precharge
Mode register
Set
VIH
VIH
55
High-Z
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com