Electronic Components Datasheet Search
  English  ▼

X  

RPK Datasheet(PDF) 2 Page - SHINMEI ELECTRIC CO., LTD.

Part # RPK
Description  Automotive Relays for motor control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

RPK Datasheet(HTML) 2 Page - SHINMEI ELECTRIC CO., LTD.

  RPK Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. RPK Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. RPK Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RPK Relays
2/3
SHINMEI ELECTRIC CO., LTD.
[] Typical Specifications
Item
Specifications
Contact
Arrangement
Initial contact resistance
Material
1c (1 form C)
100mΩ max. (DC6V1A by voltage drop)
AgSnO alloy
Contact rating
Nominal switching capacity
Max. switching power
Max. switching voltage
Max. switching current *1
Max. carrying current *1
25A 13.5VDC (NO side)
480W
16VDC
30A
25A (20C, Coil12V, 10min)
Electrical specification
Insulation resistance
Withstanding voltage
Between open contacts
Between contacts and coil
Coil temperature limit
Operate time (at nominal voltage)
Release time (at nominal voltage)
Min. 100MΩ (at 500VDC)
Initial
Min. 500VAC
Initial
Min. 500VAC
Initial
180 C
Wire specification
192 C
Temp index(IEC60172)
Max. 10ms
at nominal voltage
Max. 10ms
at nominal voltage
Mechanical specification
Shock resistance
Vibration resistance
98m/s2
10-500Hz 49m/s2
Life expectancy
Electrical life
Mechanical life
100,000 operations
NO contact
(Contact load 13.5VDC, Resistive25A, On: Off = 1: 9sec)
1,000,000 operations
300rpm
Ambient temperature
Operating range
-40 ~ +85 C (Coil applied 10~16VDC)
Unit weight
3 g
*1 changes by connection and contact's load condition. This is not contents to guarantee electricity repeatedly. Please check safety
confirmation.
[] Dimensions
Unit: mm
Dimensions
PC board pattern (Reference)
Schematic
PCB PAD LAYOUT [mm] (Top view)
Schematic (Top view)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com