Electronic Components Datasheet Search
  English  ▼

X  

PDRB-300 Datasheet(PDF) 4 Page - CUI INC

Part # PDRB-300
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-300 Datasheet(HTML) 4 Page - CUI INC

  PDRB-300 Datasheet HTML 1Page - CUI INC PDRB-300 Datasheet HTML 2Page - CUI INC PDRB-300 Datasheet HTML 3Page - CUI INC PDRB-300 Datasheet HTML 4Page - CUI INC PDRB-300 Datasheet HTML 5Page - CUI INC PDRB-300 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 06/13/2019
│ page 4 of 6
CUI Inc
│ SERIES: PDRB-300 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
units: mm [inch]
tolerance:
X≤30.00: ±0.30 [±0.01]
30.00<X≤120.00: ±0.50 [±0.02]
120.00<X≤400.00: ±0.80 [±0.03]
unless otherwise noted
TERMINAL
CONNECTIONS
TERMINAL
Function
1
RDY*
2
RDY*
3
V+
4
V+
5
V-
6
V-
7
8
L
9
N
detachable screw terminal
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
fixed screw terminal: 124.50 x 83.5 x 123.6 (4.90 x 3.29 x 4.87 inches)
detachable screw terminal: 143.5 x 83.5 x 123.6 (5.65 x 3.29 x 4.87 inches)
mm
mm
material
metal
weight
1.4
kg
cooling
natural convection
input/output connector
fixed screw terminal: accepts 24~10 AWG wire
detachable screw terminal: accepts 24~12 AWG wire
MECHANICAL DRAWING
INSTALLATION
Fixed
Screw Terminal
Detachable
Screw Terminal
DIN RAIL
TS35/7.5 or TS35/15
Cable
flexible/solid, copper conductors
only, 60/75°C
Wire Range
24~10 AWG
(0.2~4 mm2)
24~12 AWG
(0.2~2.5 mm2)
Strip Length
8 mm
4~5 mm
Screw Torque
input: 9 lb·in
output: 5.5 lb·in
input: 4.5 lb·in
output: 7 lb·in
Position
Vertical
Cooling
Natural convection, 25 mm
clearance on all sides
fixed screw terminal
Note: *RDY on 24 Vdc model only
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com