Electronic Components Datasheet Search
  English  ▼

X  

SW-186 Datasheet(PDF) 1 Page - SHINMEI ELECTRIC CO., LTD.

Part # SW-186
Description  Paper Tray Detector Switches for Photocopy Machines
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

SW-186 Datasheet(HTML) 1 Page - SHINMEI ELECTRIC CO., LTD.

  SW-186 Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. SW-186 Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. SW-186 Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
h t t p ://ww w. s hin m e i -e . c o. j p
Paper Tray Detector Switches for Photocopy Machines
SW-185 /-186 /-372 /-373 /-192 Series
1/3
SHINMEI ELECTRIC CO., LTD.
[]
Features
<>Snap-in structure and connector fixing terminal, can be mounted flexibly.
<>Comply with various conditions of usage with wide variety of poles and operating directions
[]
Applications
Zoom
<>Detection of paper size in the tray of photocopy machines.
[]
Products Line
No
Products No
Pole
Position
Notes
1
SW-185-1
3
1
Lever-type switch.
2
SW-186
4
1
Lever-type switch.
3
SW4AD-372
4
1
Lever-type switch.
4
SW5AD-373
5
1
Lever-type switch.
5
SW-192
3
1
Push-type switch.
[]
Typical Specifications
Item
Specification
Ratings (max.)
10mA 5V DC (Resistive load)
Contact resistance
1 ohm max.
Insulation resistance
100 megohm min. 100V DC
Withstanding voltage
100V AC for 1min.
Operating life with load
100,000 cycles
Operating force
1N max.


Similar Part No. - SW-186

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-18010 ETC1-SW-18010 Datasheet
34Kb / 1P
MEC Shake Switch
SW-18010P ETC1-SW-18010P Datasheet
34Kb / 1P
MEC Shake Switch
SW-18015 ETC1-SW-18015 Datasheet
34Kb / 1P
MEC Shake Switch
SW-18015P ETC1-SW-18015P Datasheet
34Kb / 1P
MEC Shake Switch
SW-18020 ETC1-SW-18020 Datasheet
34Kb / 1P
MEC Shake Switch
More results

Similar Description - SW-186

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SSP-122BHT MITSUMI-SSP-122BHT Datasheet
86Kb / 2P
H=1mm Paper Slide Switches
logo
E-SWITCH
TD1105A E-SWITCH-TD1105A Datasheet
274Kb / 2P
DETECTOR SWITCHES
logo
Panasonic Semiconductor
ESE-2161AT PANASONIC-ESE-2161AT Datasheet
158Kb / 2P
2NV Detector Switches
ESE-11MV1 PANASONIC-ESE-11MV1 Datasheet
188Kb / 6P
Detector Switches/ESE11
ESE-31R11T PANASONIC-ESE-31R11T Datasheet
81Kb / 2P
Detector Switches/ESE31
ESE24MH1T PANASONIC-ESE24MH1T Datasheet
130Kb / 3P
2W Detector Switches
ESE-18L61B PANASONIC-ESE-18L61B Datasheet
166Kb / 5P
1HL Detector Switches
ESE-13H01B PANASONIC-ESE-13H01B Datasheet
100Kb / 3P
1VL Detector Switches
logo
SHINMEI ELECTRIC CO., L...
SW-168-501AU SHINMEI-SW-168-501AU Datasheet
121Kb / 4P
Paper detector, Detection Switches
logo
Panasonic Semiconductor
ESE11 PANASONIC-ESE11 Datasheet
193Kb / 5P
ESE11 Detector Switches
201712-Fd
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com