Electronic Components Datasheet Search
  English  ▼

X  

ICM200E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ICM200E
Description  Megapixel (UXGA) Digital Color CMOS Image Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM200E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ICM200E Datasheet HTML 17Page - List of Unclassifed Manufacturers ICM200E Datasheet HTML 18Page - List of Unclassifed Manufacturers ICM200E Datasheet HTML 19Page - List of Unclassifed Manufacturers ICM200E Datasheet HTML 20Page - List of Unclassifed Manufacturers ICM200E Datasheet HTML 21Page - List of Unclassifed Manufacturers ICM200E Datasheet HTML 22Page - List of Unclassifed Manufacturers ICM200E Datasheet HTML 23Page - List of Unclassifed Manufacturers ICM200E Datasheet HTML 24Page - List of Unclassifed Manufacturers ICM200E Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ICM200E
2 Megapixel (UXGA) Digital Color CMOS Image Sensor
Preliminary Data Sheet V1.1
Copyright 2004, IC Media Corporation
9/22/2004
http://www.ic-media.com/
Page 21
Table 2. SIF Registers Descriptions
(continued)
Bit Description
Default
Affected by
Latent
Register
Frame
Boundary
Update
0xAB AD_VSYNC_ENDL_C
0xAC AD_VSYNC_ENDH_C
Reserved*
0x0003
(3)
N
Y
0xAD AD_PART_CONTROL_C
Reserved*
0x00
N
Y
0xAE AD_WT_BEGINL_C
0xAF AD_WT_BEGINH_C
Reserved*
0x0000
N
Y
0xB0 AD_WT_ENDL_C
0xB1 AD_WT_ENDH_C
Reserved*
0x07F8
(2040)
N
Y
0xB2 and 0xB3
Reserved*
0x0000
Y
Y
0xB4 AD_PLL
[7:0] The PLL setting for the ADC clock. For example, at
6 MHz input, selecting 0x03 would run the system ADC
clock at 24 MHz. Note: The maximum ADC clock is
96MHz for 30 fps operation.
The default value is 0x01, for a "2x" PLL multiplier.
Setting
PLL Multiplier
0x00
1x
0x01
2x
0x02
3x
0x03
4x
…
0x1F
32x
0x01
N
Y
0xB5
Reserved*
0x00
Y
Y
0xB6 AD_F_MAX_ADDRL
0xB7 AD_F_MAX_ADDRH
Reserved*
0x04B9
(1209)
Y
Y
0xB8 AD_F_OVERL
0xB9 AD_F_OVERH
Reserved*
0x04BA
(1210)
Y
Y
0xBA AD_F_LIMITAL
0xBB AD_F_LIMITAH
Reserved*
0x04BB
(1211)
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com