Electronic Components Datasheet Search
  English  ▼

X  

1052002 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1052002
Description  Zack marker strip - ZB 8:UNBEDRUCKT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1052002 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1052002 Datasheet HTML 1Page - PHOENIX CONTACT 1052002 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1052002
07.08.2012   Page 1 / 2
Zack marker strip - ZB 8:UNBEDRUCKT - 1052002
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Zack marker strip, Strip, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into tall
marker groove, For terminal block width: 8.2 mm, Lettering field: 10.5 x 8.15 mm
The illustration shows
versions ZB 8 - UNPRINTED,
-LGS:CONSEC.NOS, -
QR:CONSEC.NOS and CUS
Why buy this product
 Labeling service: Phoenix Contact can custom-label all zack marker strip markers according to your requirements
 The ZB zack marker strip system is a marking solution for modular terminal blocks and electronics modules with tall marker grooves
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 61 (CL2-2011)
GTIN
Custom tariff number
39269097
Country of origin
GERMANY
Technical data
General
Note
Can be labeled with CMS
Width (a)
8 mm
Color
white
Inflammability class according to UL 94
V2
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 100 °C
Components
free from silicone and halogen
Material
PA
Number of individual labels
10
Number of individual labels per row
10


Similar Part No. - 1052002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1052000008 MOLEX1-1052000008_17 Datasheet
37Kb / 2P
5.50 by 5.50mm Camera Socket, 3.78mm Height, SMIA-compliant, Serial data type
More results

Similar Description - 1052002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803444 PHOENIX-0803444 Datasheet
48Kb / 2P
Zack marker strip - ZB 8,3:UNBEDRUCKT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0811862 PHOENIX-0811862 Datasheet
61Kb / 2P
Zack marker strip - ZB 22:UNBEDRUCKT
0811972 PHOENIX-0811972 Datasheet
54Kb / 2P
Zack marker strip - ZB 15:UNBEDRUCKT
0812120 PHOENIX-0812120 Datasheet
54Kb / 2P
Zack marker strip - ZB 12:UNBEDRUCKT
0829414 PHOENIX-0829414 Datasheet
62Kb / 3P
Zack marker strip - ZB 3,5:UNBEDRUCKT
1052332 PHOENIX-1052332 Datasheet
54Kb / 2P
Zack marker strip - ZB 6,6:UNBEDRUCKT
1054000 PHOENIX-1054000 Datasheet
55Kb / 2P
Zack marker strip - ZB 7,62:UNBEDRUCKT
0811833 PHOENIX-0811833 Datasheet
66Kb / 4P
Zack marker strip - ZB 18:UNBEDRUCKT
09/11/2020
0829391 PHOENIX-0829391 Datasheet
112Kb / 3P
Zack marker strip - ZB 17:UNBEDRUCKT
01/21/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com