Electronic Components Datasheet Search
  English  ▼

X  

S-8233C Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8233C
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8233C Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8233C Datasheet HTML 4Page - Seiko Instruments Inc S-8233C Datasheet HTML 5Page - Seiko Instruments Inc S-8233C Datasheet HTML 6Page - Seiko Instruments Inc S-8233C Datasheet HTML 7Page - Seiko Instruments Inc S-8233C Datasheet HTML 8Page - Seiko Instruments Inc S-8233C Datasheet HTML 9Page - Seiko Instruments Inc S-8233C Datasheet HTML 10Page - Seiko Instruments Inc S-8233C Datasheet HTML 11Page - Seiko Instruments Inc S-8233C Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C Series
Rev.4.0_00
Seiko Instruments Inc.
8
(7) Measurement 7 Measurement circuit 4
Set S1 to ON, S2 to OFF, V1, V2, and V3 to 3.5 V, and V4 to 0 V under normal condition. Increase V5
from 0 V gradually. The V5 voltage when I5 = 10
µA is DOP'L' voltage (VDO (L)).
Set S1 to OFF, S2 to ON, V1, V2, V3 to 3.5 V, and V4 to VIOV2+0.1 V under over current condition.
Increase V6 from 0 V gradually. The V6 voltage when I6 = 10
µA is the DOP'H' voltage (VDO (H)).
(8) Measurement 8 Measurement circuit 5
Set V1, V2, V3 to 3.5 V and V4 to 0 V under normal condition. Increase V5 from 0 V gradually. The V5
voltage when I5 = 10
µA is the COP'L' voltage (VCO (L)).
(9) Measurement 9 Measurement circuit 6
Set V1, V2, V3 to 3.5 V under normal condition. Increase V1 from 3.5 V to 4.5 V immediately (within 10
µs). The time after V1 becomes 4.5 V until COP goes 'H' is the over charge detection delay time 1 (tCU1).
Set V1, V2, V3 to 3.5 V under normal condition. Decrease V1 from 3.5 V to 1.9 V immediately (within 10
µs). The time after V1 becomes 1.9 V until DOP goes 'H' is the over discharge detection delay time 1
(tDD1).
(10) Measurement 10 Measurement circuit 6
Set V1, V2, V3 to 3.5 V under normal condition. Increase V2 from 3.5 V to 4.5 V immediately (within 10
µs). The time after V2 becomes 4.5 V until COP goes 'H' is the over charge detection delay time 2 (tCU2).
Set V1, V2, V3 to 3.5 V under normal condition. Decrease V2 from 3.5 V to 1.9 V immediately (within 10
µs). The time after V2 becomes 1.9 V until DOP goes 'H' is the over discharge detection delay time 2
(tDD2).
(11) Measurement 11 Measurement circuit 6
Set V1, V2, V3 to 3.5 V under normal condition. Increase V3 from 3.5 V to 4.5 V immediately (within 10
µs). The time after V3 becomes 4.5 V until COP goes 'H' is the over charge detection delay time 3 (tCU3).
Set V1, V2, V3 to 3.5 V under normal condition. Decrease V3 from 3.5 V to 1.9 V immediately (within 10
µs). The time after V3 becomes 1.9 V until DOP goes 'H' is the over discharge detection delay time 3
(tDD3).
(12) Measurement 12 Measurement circuit 7
Set V1, V2, V3 to 3.5 V and S1 to OFF under normal condition. Increase V4 from 0 V to 0.55 V
immediately (within 10
µs). The time after V4 becomes 0.55 V until DOP goes 'H' is the over current
detection delay time 1 (tIOV1).
Set V1, V2, V3 to 3.5 V and S1 to OFF under normal condition. Increase V4 from 0 V to 0.75 V
immediately (within 10
µs). The time after V4 becomes 0.75 V until DOP goes 'H' is the over current
detection delay time 2 (tIOV2)
Set S1 to ON to inhibit over discharge detection. Set V1, V2, V3 to 4.0 V and increase V4 from 0 V to 6.0
V immediately (within 1
µs) and decrease V1, V2, and V3 to 2.0 V at a time. The time after V4 becomes
6.0 V until DOP goes 'H' is the over current detection delay time 3 (tIOV3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com