Electronic Components Datasheet Search
  English  ▼

X  

16625510 Datasheet(PDF) 1 Page - Adels-Contact

Part # 16625510
Description  AC 166 ALCGB/515 100 white
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

16625510 Datasheet(HTML) 1 Page - Adels-Contact

  16625510 Datasheet HTML 1Page - Adels-Contact 16625510 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26/11/2019
Connectors System AC 166®
Cord Set
AC 166 ALCGB/515 100 white
Extension Cable Socket, 5 pole, white, Coding: 1 (Mains), Cable
Type: H05VV-F, Core Cross-Section: 1.5 mm², Fire Class: Eca,
Length: 1.00 m, Voltage Rating: 250/400 V, Current Rating: 16 A
Order Info
Reference Number (ref. no.)
16625510
Applications
Lighting, Installation, Electrical Appliances
PU
30
EAN
4028012116805
Type
Type
Extension Cable Socket
Number of poles
5 pole
Colour
white
Coding
1 (Mains)
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
250/400 V
Current Rating
16 A
Insulating Material
PA 6.6
Contact Material
Brass
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Flexible
yes
Stripping Length
9.0 mm
Dismantling Length PE
52.0 mm
Dismantling Length
45.0 mm
Cable Type
H05VV-F
Core Cross-Section
1.5 mm²
Fire Class
Eca
Length
1.00 m
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf


Similar Part No. - 16625510

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
16625505 ADELS-16625505 Datasheet
120Kb / 2P
AC 166 ALCGB/515 050 white
26/11/2019
16625520 ADELS-16625520 Datasheet
120Kb / 2P
AC 166 ALCGB/515 200 white
26/11/2019
16625530 ADELS-16625530 Datasheet
120Kb / 2P
AC 166 ALCGB/515 300 white
26/11/2019
16625540 ADELS-16625540 Datasheet
120Kb / 2P
AC 166 ALCGB/515 400 white
26/11/2019
More results

Similar Description - 16625510

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
9B59PW10 ADELS-9B59PW10 Datasheet
150Kb / 1P
AC 166 ALCGB/515 100 pastel blue white
26/11/2019
9B595510 ADELS-9B595510 Datasheet
120Kb / 2P
AC 166 ALCGB/515 100 white "B2ca"
26/11/2019
9D59PW10 ADELS-9D59PW10 Datasheet
150Kb / 1P
AC 166 ALCGB/515 100 pastel blue white
26/11/2019
9D595510 ADELS-9D595510 Datasheet
120Kb / 2P
AC 166 ALCGB/515 100 white "Dca"
26/11/2019
1662PW10 ADELS-1662PW10 Datasheet
150Kb / 1P
AC 166 ALCGB/515 100 pastel blue white
26/11/2019
16625505 ADELS-16625505 Datasheet
120Kb / 2P
AC 166 ALCGB/515 050 white
26/11/2019
16625520 ADELS-16625520 Datasheet
120Kb / 2P
AC 166 ALCGB/515 200 white
26/11/2019
16625530 ADELS-16625530 Datasheet
120Kb / 2P
AC 166 ALCGB/515 300 white
26/11/2019
16625540 ADELS-16625540 Datasheet
120Kb / 2P
AC 166 ALCGB/515 400 white
26/11/2019
96595510 ADELS-96595510 Datasheet
121Kb / 2P
AC 166 ALCGB/515 100 H05Z1Z1 white
26/11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com