Electronic Components Datasheet Search
  English  ▼

X  

16628530 Datasheet(PDF) 1 Page - Adels-Contact

Part # 16628530
Description  AC 166 ALCGB/525 300 black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

16628530 Datasheet(HTML) 1 Page - Adels-Contact

  16628530 Datasheet HTML 1Page - Adels-Contact 16628530 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26/11/2019
Connectors System AC 166®
Cord Set
AC 166 ALCGB/525 300 black
Extension Cable Socket, 5 pole, black, Coding: 1 (Mains), Cable
Type: H05VV-F, Core Cross-Section: 2.5 mm², Fire Class: Eca,
Length: 3.00 m, Voltage Rating: 250/400 V, Current Rating: 20 A
Order Info
Reference Number (ref. no.)
16628530
Applications
Lighting, Installation, Electrical Appliances
PU
15
Type
Type
Extension Cable Socket
Number of poles
5 pole
Colour
black
Coding
1 (Mains)
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
250/400 V
Current Rating
20 A
Insulating Material
PA 6.6
Contact Material
Brass
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Flexible
yes
Stripping Length
9.0 mm
Dismantling Length PE
52.0 mm
Dismantling Length
45.0 mm
Cable Type
H05VV-F
Core Cross-Section
2.5 mm²
Fire Class
Eca
Length
3.00 m
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf


Similar Part No. - 16628530

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
16628505 ADELS-16628505 Datasheet
126Kb / 2P
AC 166 ALCGB/525 050 black
26/11/2019
16628510 ADELS-16628510 Datasheet
126Kb / 2P
AC 166 ALCGB/525 100 black
26/11/2019
16628520 ADELS-16628520 Datasheet
126Kb / 2P
AC 166 ALCGB/525 200 black
26/11/2019
16628540 ADELS-16628540 Datasheet
126Kb / 2P
AC 166 ALCGB/525 400 black
26/11/2019
More results

Similar Description - 16628530

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
9B59P530 ADELS-9B59P530 Datasheet
155Kb / 1P
AC 166 ALCGB/525 300 pastel blue black
26/11/2019
9B597530 ADELS-9B597530 Datasheet
120Kb / 2P
AC 166 ALCGB/525 300 white "B2ca"
26/11/2019
9B598530 ADELS-9B598530 Datasheet
126Kb / 2P
AC 166 ALCGB/525 300 black "B2ca"
26/11/2019
9D59P530 ADELS-9D59P530 Datasheet
155Kb / 1P
AC 166 ALCGB/525 300 pastel blue black
26/11/2019
9D597530 ADELS-9D597530 Datasheet
120Kb / 2P
AC 166 ALCGB/525 300 white "Dca"
26/11/2019
9D598530 ADELS-9D598530 Datasheet
126Kb / 2P
AC 166 ALCGB/525 300 black Dca
26/11/2019
1662P530 ADELS-1662P530 Datasheet
155Kb / 1P
AC 166 ALCGB/525 300 pastel blue black
26/11/2019
16627530 ADELS-16627530 Datasheet
120Kb / 2P
AC 166 ALCGB/525 300 white
26/11/2019
96597530 ADELS-96597530 Datasheet
120Kb / 2P
AC 166 ALCGB/525 300 H05Z1Z1 white
96598530 ADELS-96598530 Datasheet
126Kb / 2P
AC 166 ALCGB/525 300 H05Z1Z1 black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com