Electronic Components Datasheet Search
  English  ▼

X  

CSA1013 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA1013
Description  PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1013 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA1013 Datasheet HTML 1Page - Continental Device India Limited CSA1013 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CSA1013 (PNP)
CSC2383 (NPN)
TO-237
BCE
Vertical Deflection Output & Class B Sound Output Applications of Colour T.V
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
160
V
Collector -Emitter Voltage
VCEO
160
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current
IC
1.0
A
Base Current
IB
500
mA
Collector Power Dissipation
PC
900
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=10mA, IB=0
160
-
-
V
Collector Cut off Current
ICBO
VCB=150V, IE=0
-
-
1.0
uA
Emitter Cut off Current
IEBO
VEB=6V, IC=0
-
-
1.0
uA
DC Current Gain
hFE*
IC=200mA,VCE=5V
60
-
320
Collector Emitter Saturation Voltage
VCE(Sat) * IC=500mA,IB=50mA
-
-
1.5
V
Base Emitter on Voltage
VBE(on)*
IC=5mA, VCE=5V
0.45
-
0.75
V
Dynamic Characteristics
Output Capacitance
Cob NPN VCB=10V, IE=0,
-
-
20
pF
f=1MHz
PNP
-
-
35
pF
Gain Bandwidth Product
ft
NPN
VCE=5V,IC=200mA,
20
100
-
MHz
PNP
15
50
-
MHz
CLASSIFICATION
R
O
Y
hFE *
60-120
100-200
160-320
*Pulse Test : Pulse Width =300us, Duty Cycle=2%
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 2


Similar Part No. - CSA1013

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA1012 CDIL-CSA1012 Datasheet
77Kb / 3P
PNP, NPN PLASTIC POWER TRANSISTOR
CSA1012O CDIL-CSA1012O Datasheet
77Kb / 3P
PNP, NPN PLASTIC POWER TRANSISTOR
CSA1012Y CDIL-CSA1012Y Datasheet
77Kb / 3P
PNP, NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSA1012Y RECTRON-CSA1012Y Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSA1015 CDIL-CSA1015 Datasheet
88Kb / 4P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
More results

Similar Description - CSA1013

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
logo
Continental Device Indi...
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CVG639 CDIL-CVG639 Datasheet
179Kb / 3P
NPN/PNP COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CL100S CDIL-CL100S Datasheet
226Kb / 2P
NPN/PNP SILICON PLANAR TRANSISTORS
CIL1020Y CDIL-CIL1020Y Datasheet
90Kb / 2P
PNP COMPLEMENTARY PLANAR SILICON TRANSISTORS
CIL1020 CDIL-CIL1020 Datasheet
229Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com