Electronic Components Datasheet Search
  English  ▼

X  

TLN Datasheet(PDF) 1 Page - AVX Corporation

Part # TLN
Description  High Capacitance Tantalum Solid Electrolytic Chip Capacitors Undertab Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLN Datasheet(HTML) 1 Page - AVX Corporation

  TLN Datasheet HTML 1Page - AVX Corporation TLN Datasheet HTML 2Page - AVX Corporation TLN Datasheet HTML 3Page - AVX Corporation TLN Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLN
Type
6
Case Size
See table
above
228
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
M
Tolerance
M = ±20%
006
Rated DC Voltage
004 = 4Vdc
006 = 6.3Vdc
010 = 10Vdc
HOW TO ORDER
R
Packaging
R = Pure Tin 7" Reel
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
1000 μF to 3300 μF
Capacitance Tolerance:
±20%
Leakage Current DCL:
0.01CV
Rated Voltage (VR)
-55°C
+40°C:
4
6.3
10
Category Voltage (VC)
at 85°C:
2
3.2
5
Category Voltage (VC)
at 125°C:
0.8
1.3
2
Temperature Range:
-55°C to +125°C with category voltage
Reliability:
0.2% per 1000 hours at 85°C, 0.5xVR with 0.1Ω/V series impedance with
60% confidence level
TECHNICAL SPECIFICATIONS
TLN PulseCap
TM Series
High Capacitance Tantalum Solid Electrolytic Chip Capacitors
Undertab Series
0055
ESR in mΩ
FEATURES
• Large case size for maximum capacitance
• 3x reflow 260°C compatible
• Low profile solution
• Consumer applications
(e.g. PCMCIA/USB wireless express cards etc.)
• CV range: 1000-3300μF / 4-10V
• 2 case sizes available
APPLICATIONS
• Data transfer modems
• SSD backup circuits
LEAD-FREE COMPATIBLE
COMPONENT
MARKING
4, 6 CASE
XXXXX
228 J
AVX LOGO
Capacitance Value in mF
228 = 2.2mF
Rated Voltage
J = 6.3V
Polarity
Band
(Anode+)
ID Code
W
WP
AP
S
H
AN
WN
W
L
Polarity Band (Anode+)
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H max.
W
P±0.10
W
N±0.10
A
P±0.10
A
N±0.10
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
(0.004)
(0.004)
(0.004)
(0.004)
4
2924
7361-20
7.30 (0.287)
6.10 (0.240)
2.00 (0.079)
4.75 (0.187)
4.75 (0.187)
2.00 (0.079)
3.20 (0.126)
2.10 (0.083)
6
5831
14878-20
14.80 (0.583)
7.80 (0.307)
2.00 (0.079)
5.50 (0.217)
5.50 (0.217)
2.45 (0.096)
2.45 (0.096)
9.90 (0.390)
071119
55


Similar Part No. - TLN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TLN LITTELFUSE-TLN Datasheet
115Kb / 1P
Telecommunications Power Fuse
logo
TAITRON Components Inco...
TLN-G4SF-513 TAITRON-TLN-G4SF-513 Datasheet
247Kb / 6P
2mm x 5mm Rectangular Lamp LED
TLN-G4SF-513-XX-BL TAITRON-TLN-G4SF-513-XX-BL Datasheet
247Kb / 6P
2mm x 5mm Rectangular Lamp LED
TLN-H4Q5-583 TAITRON-TLN-H4Q5-583 Datasheet
245Kb / 6P
5mm x 5mm Square Lamp LED
TLN-H4Q5-583-XX-BL TAITRON-TLN-H4Q5-583-XX-BL Datasheet
245Kb / 6P
5mm x 5mm Square Lamp LED
More results

Similar Description - TLN

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLN6228M004R0055 AVX-TLN6228M004R0055 Datasheet
127Kb / 2P
Tantalum Solid Electrolytic Chip Capacitors
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
Tantalum Solid Electrolytic Chip Capacitors
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
Tantalum Solid Electrolytic Chip Capacitors Consumer Series
F381A225MMAAXE AVX-F381A225MMAAXE Datasheet
103Kb / 3P
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
TCNL157M006R0200 AVX-TCNL157M006R0200 Datasheet
241Kb / 3P
Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
F38 AVX-F38 Datasheet
668Kb / 4P
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com