Electronic Components Datasheet Search
  English  ▼

X  

STP5NK90Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP5NK90Z
Description  N-CHANNEL 900V - 2ohm - 4.5A TO-220/TO-220FP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK90Z Datasheet(HTML) 2 Page - STMicroelectronics

  STP5NK90Z Datasheet HTML 1Page - STMicroelectronics STP5NK90Z Datasheet HTML 2Page - STMicroelectronics STP5NK90Z Datasheet HTML 3Page - STMicroelectronics STP5NK90Z Datasheet HTML 4Page - STMicroelectronics STP5NK90Z Datasheet HTML 5Page - STMicroelectronics STP5NK90Z Datasheet HTML 6Page - STMicroelectronics STP5NK90Z Datasheet HTML 7Page - STMicroelectronics STP5NK90Z Datasheet HTML 8Page - STMicroelectronics STP5NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STP5NK90Z - STF5NK90Z
2/12
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(1) ISD ≤4.5A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(*) Limited only by maximum temperature allowed
Table 4: Thermal Data
Table 5: Avalanche Characteristics
Table 6: Gate-Source Zener Diode
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Value
Unit
STP5NK90Z
STF5NK90Z
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
900
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
4.5
4.5 (*)
A
ID
Drain Current (continuous) at TC = 100°C
2.8
2.8 (*)
A
IDM ( )
Drain Current (pulsed)
18
18 (*)
A
PTOT
Total Dissipation at TC = 25°C
125
30
W
Derating Factor
1
0.24
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
4000
V
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
-55 to 150
°C
°C
TO-220
TO-220FP
Rthj-case
Thermal Resistance Junction-case Max
1
4.2
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
4.5
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
230
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com