Electronic Components Datasheet Search
  English  ▼

X  

3209523 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3209523
Description  PIT 2,5 BU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3209523 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3209523 Datasheet HTML 1Page - PHOENIX CONTACT 3209523 Datasheet HTML 2Page - PHOENIX CONTACT 3209523 Datasheet HTML 3Page - PHOENIX CONTACT 3209523 Datasheet HTML 4Page - PHOENIX CONTACT 3209523 Datasheet HTML 5Page - PHOENIX CONTACT 3209523 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Apr 13, 2010
Extract from the online
catalog
 
PIT 2,5 BU
Order No.: 3209523
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3209523
 
 
Feed-through modular terminal block, Type of connection: Leg spring
connection, Leg spring connection, Cross section: 0.14 mm² - 4
mm², AWG 26 - 12, Width: 5.2 mm, Color: blue, Mounting type: NS
35/7,5, NS 35/15
 
Commercial data
EAN
4046356329798
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.00721 KG
Catalog page information
Page 180 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
08/13/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
blue


Similar Part No. - 3209523

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209520 PHOENIX-3209520 Datasheet
559Kb / 29P
Feed-through terminal block - PTU 2,5 BU
3209521 PHOENIX-3209521 Datasheet
553Kb / 27P
Ground modular terminal block - PTU 2,5-PE
3209522 PHOENIX-3209522 Datasheet
56Kb / 3P
End cover - D-PTU 2,5
09/11/2020
More results

Similar Description - 3209523

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209552 PHOENIX-3209552 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
3209581 PHOENIX-3209581 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
3210509 PHOENIX-3210509 Datasheet
106Kb / 5P
PIT 2,5-3L BU
3210512 PHOENIX-3210512 Datasheet
113Kb / 6P
PIT 2,5-3PV
3210525 PHOENIX-3210525 Datasheet
123Kb / 5P
PIT 2,5-3PE
3211650 PHOENIX-3211650 Datasheet
78Kb / 6P
PIT 2,5-MT BU
3211663 PHOENIX-3211663 Datasheet
78Kb / 6P
PIT 2,5-TWIN-MT BU
3211676 PHOENIX-3211676 Datasheet
79Kb / 6P
PIT 2,5-QUATTRO-MT BU
3211775 PHOENIX-3211775 Datasheet
128Kb / 7P
PIT 4-TWIN BU
3211802 PHOENIX-3211802 Datasheet
132Kb / 7P
PIT 4-QUATTRO BU
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com