Electronic Components Datasheet Search
  English  ▼

X  

3030213 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3030213
Description  Feed-through terminal block - PT 2,5-QUATTRO RD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3030213 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3030213 Datasheet HTML 1Page - PHOENIX CONTACT 3030213 Datasheet HTML 2Page - PHOENIX CONTACT 3030213 Datasheet HTML 3Page - PHOENIX CONTACT 3030213 Datasheet HTML 4Page - PHOENIX CONTACT 3030213 Datasheet HTML 5Page - PHOENIX CONTACT 3030213 Datasheet HTML 6Page - PHOENIX CONTACT 3030213 Datasheet HTML 7Page - PHOENIX CONTACT 3030213 Datasheet HTML 8Page - PHOENIX CONTACT 3030213 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
https://www.phoenixcontact.com/us/products/3209580
21.11.2013   Page 1 / 21
Feed-through terminal block - PT 2,5-QUATTRO RD - 3209580
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Feed-through terminal block, Connection method: Push-in connection, Cross section: 0.14 mm² - 4 mm²,
AWG: 26 - 12, Width: 5.2 mm, Color: red, Mounting type: NS 35/7,5, NS 35/15
The illustration shows the version in
gray
Product Features
 The push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring
of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
Key commercial data
Packing unit
1 PCE
Minimum order quantity
50 PCE
Weight per Piece (excluding packing)
10.0 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
General
Note
The max. load current must not be exceeded by the total current of all
connected conductors.
Number of levels
1
Number of connections
4
Color
red
Insulating material
PA
Inflammability class according to UL 94
V0
Rated surge voltage
8 kV
Pollution degree
3


Similar Part No. - 3030213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3030213 PHOENIX-3030213 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
3030213 PHOENIX-3030213 Datasheet
113Kb / 6P
PIT 2,5 BU
3030213 PHOENIX-3030213 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
3030213 PHOENIX-3030213 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
3030213 PHOENIX-3030213 Datasheet
180Kb / 22P
Ground modular terminal block - PT 2,5-QUATTRO-PE BK
More results

Similar Description - 3030213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001373 PHOENIX-3001373 Datasheet
86Kb / 5P
Feed-through terminal block - PT 2,5-QUATTRO OG
3037562 PHOENIX-3037562 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO RD
3208200 PHOENIX-3208200 Datasheet
87Kb / 5P
Feed-through terminal block - PT 1,5/S-QUATTRO RD
3209512 PHOENIX-3209512 Datasheet
70Kb / 5P
Feed-through terminal block - PT 2,5 RD
3209579 PHOENIX-3209579 Datasheet
93Kb / 5P
Feed-through terminal block - PT 2,5-QUATTRO WH
3209582 PHOENIX-3209582 Datasheet
94Kb / 6P
Feed-through terminal block - PT 2,5-QUATTRO GN
3209583 PHOENIX-3209583 Datasheet
96Kb / 6P
Feed-through terminal block - PT 2,5-QUATTRO YE
3210280 PHOENIX-3210280 Datasheet
83Kb / 6P
Feed-through terminal block - PT 2,5-QUATTRO-LA 24 RD
3211019 PHOENIX-3211019 Datasheet
174Kb / 22P
Feed-through terminal block - PT 2,5/S-QUATTRO
3214424 PHOENIX-3214424 Datasheet
186Kb / 19P
Feed-through terminal block - PT 2,5-QUATTRO BK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com