Electronic Components Datasheet Search
  English  ▼

X  

0801733 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0801733
Description  PIT 2,5-QUATTRO BU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801733 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0801733 Datasheet HTML 1Page - PHOENIX CONTACT 0801733 Datasheet HTML 2Page - PHOENIX CONTACT 0801733 Datasheet HTML 3Page - PHOENIX CONTACT 0801733 Datasheet HTML 4Page - PHOENIX CONTACT 0801733 Datasheet HTML 5Page - PHOENIX CONTACT 0801733 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PIT 2,5-QUATTRO BU Order No.: 3209581
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3209581
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Apr 13, 2010
Certificates / Approvals
Certification
CUL, GL, UL
CUL
Nominal voltage UN
600 V
Nominal current IN
20 A
AWG/kcmil
24-12
UL
Nominal voltage UN
600 V
Nominal current IN
20 A
AWG/kcmil
24-12
Accessories
Item
Designation
Description
Assembly
3030815
ATP-ST QUATTRO
Partition plate, Length: 90.9 mm, Width: 2 mm, Height: 45 mm,
Color: gray
3022276
CLIPFIX 35-5
Snap-on end bracket, for NS 35/7.5 or NS 35/15 DIN rail, can be
fitted with Zack strip ZB 5 and ZBF 5, terminal strip marker KLM
2 and KLM, parking facility for FBS...5, FBS...6, KSS 5, KSS 6,
width: 5,15 mm, color: gray
3030514
D-ST 2,5-QUATTRO
End cover, Length: 72 mm, Width: 2.2 mm, Height: 36.5 mm,
Color: gray
3036725
DP PS-5
Spacer plate, Color: red
3036602
DS-ST 2,5
Cover segment, Length: 72 mm, Height: 36.5 mm, Color: gray
0801704
NS 35/ 7,5 AL UNPERF
2000MM
DIN rail, material: Aluminum, unperforated, height 7.5 mm, width
35 mm, length: 2 m
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1207640
NS 35/ 7,5 PERF 755MM
NS 35 DIN rail, height 7.5 mm, length 755 mm
1207653
NS 35/ 7,5 PERF 955MM
NS35 DIN rail, height 7.5 mm, length 955 mm
1207666
NS 35/ 7,5 PERF 1155MM
NS 35 DIN rail, height 7.5 mm, length 1155 mm
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com