Electronic Components Datasheet Search
  English  ▼

X  

ICS843003 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS843003
Description  FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843003 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS843003 Datasheet HTML 6Page - Integrated Circuit Systems ICS843003 Datasheet HTML 7Page - Integrated Circuit Systems ICS843003 Datasheet HTML 8Page - Integrated Circuit Systems ICS843003 Datasheet HTML 9Page - Integrated Circuit Systems ICS843003 Datasheet HTML 10Page - Integrated Circuit Systems ICS843003 Datasheet HTML 11Page - Integrated Circuit Systems ICS843003 Datasheet HTML 12Page - Integrated Circuit Systems ICS843003 Datasheet HTML 13Page - Integrated Circuit Systems ICS843003 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
843003AG
www.icst.com/products/hiperclocks.html
REV. A JULY 27, 2004
10
Integrated
Circuit
Systems, Inc.
ICS843003
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
APPLICATION INFORMATION
CRYSTAL INPUT INTERFACE
The ICS843003 has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in
Figure 3
below were determined using a 31.25MHz or 26.041666MHz
Figure 3. CRYSTAL INPUt INTERFACE
18pF parallel resonant crystal and were chosen to minimize
the ppm error.
ICS843003
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS843003 provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCA, and VCCOx
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 2 illustrates how
a 10
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
CCA pin.
FIGURE 2. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
µF
.01
µF
3.3V
.01
µF
V
CC
C1
33p
X1
18pF Parallel Crystal
C2
27p
XTAL_OUT
XTAL_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com