Electronic Components Datasheet Search
  English  ▼

X  

3209621 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3209621
Description  Protective conductor double-level terminal block - PTTBS 2,5-PE/L
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3209621 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3209621 Datasheet HTML 1Page - PHOENIX CONTACT 3209621 Datasheet HTML 2Page - PHOENIX CONTACT 3209621 Datasheet HTML 3Page - PHOENIX CONTACT 3209621 Datasheet HTML 4Page - PHOENIX CONTACT 3209621 Datasheet HTML 5Page - PHOENIX CONTACT 3209621 Datasheet HTML 6Page - PHOENIX CONTACT 3209621 Datasheet HTML 7Page - PHOENIX CONTACT 3209621 Datasheet HTML 8Page - PHOENIX CONTACT 3209621 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
https://www.phoenixcontact.com/us/products/3209621
09/08/2016   Page 1 / 23
Protective conductor double-level terminal block - PTTBS 2,5-PE/
L - 3209621
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Protective conductor double-level terminal block, Cross section:  0.14 mm² - 4 mm², AWG: 26 - 12, Connection
type: Push-in connection, Width: 5.2 mm, Color: gray, Mounting type: NS 35/7,5, NS 35/15
Why buy this product
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring
of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
50 STK
Weight per Piece (excluding packing)
19.200 g
Custom tariff number
85369010
Country of origin
Poland
Technical data
Environmental Product Compliance
China RoHS
No hazardous substances above threshold values
General
Number of levels
2
Number of connections
4
Nominal cross section
2.5 mm²
Color
gray
Insulating material
PA


Similar Part No. - 3209621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209620 PHOENIX-3209620 Datasheet
63Kb / 4P
Protective conductor double-level terminal block - PTTBS 2,5-PE
More results

Similar Description - 3209621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3208553 PHOENIX-3208553 Datasheet
163Kb / 17P
Protective conductor double-level terminal block - PTTB 1,5/S-PE/L
3209604 PHOENIX-3209604 Datasheet
62Kb / 5P
Double-level terminal block - PTTBS 2,5
3209617 PHOENIX-3209617 Datasheet
55Kb / 4P
Double-level terminal block - PTTBS 2,5 BU
3209620 PHOENIX-3209620 Datasheet
63Kb / 4P
Protective conductor double-level terminal block - PTTBS 2,5-PE
3210602 PHOENIX-3210602 Datasheet
57Kb / 3P
Double-level terminal block - PTTBS 2,5-TWIN-PE
3210611 PHOENIX-3210611 Datasheet
89Kb / 5P
Double-level terminal block - PTTBS 2,5-QUATTRO-PE
3211854 PHOENIX-3211854 Datasheet
96Kb / 6P
Protective conductor double-level terminal block - PTTB 4-PE
3214673 PHOENIX-3214673 Datasheet
159Kb / 16P
Protective conductor double-level terminal block - PTTBS 1,5/SPE
3205132 PHOENIX-3205132 Datasheet
246Kb / 20P
Protective conductor double-level terminal block - QTTCB 1,5-PE
3210978 PHOENIX-3210978 Datasheet
639Kb / 28P
Protective conductor double-level terminal block - PTTB 2,5-PE/L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com