Electronic Components Datasheet Search
  English  ▼

X  

MSM9565 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM9565
Description  MSM9565
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9565 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM9565 Datasheet HTML 2Page - OKI electronic componets MSM9565 Datasheet HTML 3Page - OKI electronic componets MSM9565 Datasheet HTML 4Page - OKI electronic componets MSM9565 Datasheet HTML 5Page - OKI electronic componets MSM9565 Datasheet HTML 6Page - OKI electronic componets MSM9565 Datasheet HTML 7Page - OKI electronic componets MSM9565 Datasheet HTML 8Page - OKI electronic componets MSM9565 Datasheet HTML 9Page - OKI electronic componets MSM9565 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MSM9565 l
7/9
n
外部接続例
XTAL2 30
CLR
40
A5
38
A4
37
A3
36
A2
35
A1
34
A0
33
XOUT 32
CS
31
XTAL1 29
8.192MHz水晶
15pF
15pF
DVDD
28
DGND 27
+
2.2mF (注1)
(注2)
DB7
26
DB6
25
DB5
24
DB4
23
DB3
22
DB2
21
DB1
20
DB0
19
RD
18
WR
16
INT
15
CPU
インタフェース
MON
1
ADETIN
2
330pF
(±10%)
+
−
2.2mF
(注1)
6
5
AIN
SG
AVDD
AGND
+
2.2mF (注1)
(注2)
3
4
MOUT6
MOUT5
MOUT4
MOUT3
MOUT2
MOUT1
MOUT0
14
13
12
11
10
9
8
(注3)
チューナ部
MSM9565
DVDD
+
−
+3.3V電源入力
AVDD
DGND
AGND
(注2)
−
−
(注1)タンタル電解コンデンサを使用して下さい。
(注2)アナログ電源端子(AVDD)とデジタル電源端子(DVDD)は、別系統にして下さい。
(注3)アナロググランド端子(AGND)とチューナのグランドは共通にして下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com