Electronic Components Datasheet Search
  English  ▼

X  

3030213 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3030213
Description  Knife disconnect terminal block - PT 2,5-MTB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3030213 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3030213 Datasheet HTML 1Page - PHOENIX CONTACT 3030213 Datasheet HTML 2Page - PHOENIX CONTACT 3030213 Datasheet HTML 3Page - PHOENIX CONTACT 3030213 Datasheet HTML 4Page - PHOENIX CONTACT 3030213 Datasheet HTML 5Page - PHOENIX CONTACT 3030213 Datasheet HTML 6Page - PHOENIX CONTACT 3030213 Datasheet HTML 7Page - PHOENIX CONTACT 3030213 Datasheet HTML 8Page - PHOENIX CONTACT 3030213 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
https://www.phoenixcontact.com/us/products/3210157
09/06/2016   Page 1 / 26
Knife disconnect terminal block - PT 2,5-MTB - 3210157
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Knife disconnect terminal block, Connection type: Push-in connection, Cross section: 0.14 mm² - 4 mm²,
AWG: 26 - 12, Nominal current: 16 A, Nominal voltage: 400 V, Length: 70.1 mm, Width: 5.2 mm, Color: gray,
Assembly: NS 35/7,5, NS 35/15
Why buy this product
 The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring
of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
 Tested for railway applications
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
9.600 g
Custom tariff number
85369010
Country of origin
Poland
Technical data
Environmental Product Compliance
China RoHS
No hazardous substances above threshold values
General
Number of levels
1
Number of connections
2
Potentials
1
Nominal cross section
2.5 mm²
Color
gray
Insulating material
PA


Similar Part No. - 3030213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3030213 PHOENIX-3030213 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
3030213 PHOENIX-3030213 Datasheet
113Kb / 6P
PIT 2,5 BU
3030213 PHOENIX-3030213 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
3030213 PHOENIX-3030213 Datasheet
188Kb / 21P
Feed-through terminal block - PT 2,5-QUATTRO RD
3030213 PHOENIX-3030213 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
More results

Similar Description - 3030213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210163 PHOENIX-3210163 Datasheet
198Kb / 24P
Knife disconnect terminal block - PT 2,5-MTB BU
3210177 PHOENIX-3210177 Datasheet
201Kb / 24P
Knife disconnect terminal block - PT 2,5-TWIN-MTB BU
3210184 PHOENIX-3210184 Datasheet
204Kb / 26P
Knife disconnect terminal block - PT 2,5-QUATTRO-MTB
3210191 PHOENIX-3210191 Datasheet
199Kb / 24P
Knife disconnect terminal block - PT 2,5-QUATTRO-MTB BU
3210405 PHOENIX-3210405 Datasheet
64Kb / 4P
Disconnect terminal block - PTTBS 2,5-MTB/TGB
3210406 PHOENIX-3210406 Datasheet
64Kb / 4P
Disconnect terminal block - PTTBS 2,5-TGB/MTB
3210170 PHOENIX-3210170 Datasheet
603Kb / 32P
Knife disconnect terminal block - PT 2,5-TWIN-MTB
3212316 PHOENIX-3212316 Datasheet
937Kb / 29P
Knife disconnect terminal block - PT 2,5-MT OG
1251103 PHOENIX-1251103 Datasheet
8Mb / 33P
Knife-disconnect terminal block - PT 2,5-QUATTROMT-CLT
Nov 16, 2022
1251104 PHOENIX-1251104 Datasheet
8Mb / 33P
Knife-disconnect terminal block - PT 2,5-TWIN-MTCLT
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com