Electronic Components Datasheet Search
  English  ▼

X  

3030213 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3030213
Description  PIT 2,5-QUATTRO-TG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3030213 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3030213 Datasheet HTML 1Page - PHOENIX CONTACT 3030213 Datasheet HTML 2Page - PHOENIX CONTACT 3030213 Datasheet HTML 3Page - PHOENIX CONTACT 3030213 Datasheet HTML 4Page - PHOENIX CONTACT 3030213 Datasheet HTML 5Page - PHOENIX CONTACT 3030213 Datasheet HTML 6Page - PHOENIX CONTACT 3030213 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 7
http://www.phoenixcontact.de
Apr 13, 2010
Extract from the online
catalog
 
PIT 2,5-QUATTRO-TG
Order No.: 3210208
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3210208
 
 
Disconnect terminal block, Connection type: Leg spring connection,
Cross section:  0.14 mm² - 4 mm², AWG: 26 - 12, Nominal current: 20
A, Nominal voltage: 400 V, Length: 84 mm, Width: 5.2 mm,
Color: gray, Assembly: NS 35/7,5, NS 35/15
 
Commercial data
EAN
4046356333580
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.01204 KG
Catalog page information
Page 195 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
08/07/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
4
Color
gray


Similar Part No. - 3030213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3030213 PHOENIX-3030213 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
3030213 PHOENIX-3030213 Datasheet
113Kb / 6P
PIT 2,5 BU
3030213 PHOENIX-3030213 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
3030213 PHOENIX-3030213 Datasheet
188Kb / 21P
Feed-through terminal block - PT 2,5-QUATTRO RD
3030213 PHOENIX-3030213 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
More results

Similar Description - 3030213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210185 PHOENIX-3210185 Datasheet
116Kb / 7P
PIT 2,5-TG, Disconnect terminal block
3210198 PHOENIX-3210198 Datasheet
123Kb / 7P
PIT 2,5-TWIN-TG, Disconnect terminal block
3038451 PHOENIX-3038451 Datasheet
143Kb / 6P
ST 2,5-QUATTRO-TG
3209581 PHOENIX-3209581 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
3210172 PHOENIX-3210172 Datasheet
122Kb / 6P
PIT 2,5-QUATTRO-MT
3210266 PHOENIX-3210266 Datasheet
118Kb / 6P
PIT 2,5-QUATTRO-DIO/L-R
3210279 PHOENIX-3210279 Datasheet
108Kb / 6P
PIT 2,5-QUATTRO-DIO/R-L
3211676 PHOENIX-3211676 Datasheet
79Kb / 6P
PIT 2,5-QUATTRO-MT BU
3211797 PHOENIX-3211797 Datasheet
131Kb / 7P
PIT 4-QUATTRO
3270094 PHOENIX-3270094 Datasheet
77Kb / 5P
Disconnect terminal block - PTC 2,5-QUATTRO-TG
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com