Electronic Components Datasheet Search
  English  ▼

X  

0801377 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801377
Description  PIT 2,5-QUATTRO-DIO/R-L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801377 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801377 Datasheet HTML 1Page - PHOENIX CONTACT 0801377 Datasheet HTML 2Page - PHOENIX CONTACT 0801377 Datasheet HTML 3Page - PHOENIX CONTACT 0801377 Datasheet HTML 4Page - PHOENIX CONTACT 0801377 Datasheet HTML 5Page - PHOENIX CONTACT 0801377 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Apr 13, 2010
Extract from the online
catalog
 
PIT 2,5-QUATTRO-DIO/R-L
Order No.: 3210279
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3210279
 
 
Feed-through modular terminal block, Type of connection: Leg spring
connection, Leg spring connection, Cross section: 0.14 mm² - 4
mm², AWG 26 - 12, Width: 5.2 mm, Color: gray, Mounting type: NS
35/7,5, NS 35/15
 
Commercial data
EAN
4046356335881
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.01065 KG
Catalog page information
Page 197 (CL-2009)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
4
Color
gray
Insulating material
PA
Inflammability class acc. to UL 94
V0
Dimensions
Width
5.2 mm
Length
72 mm


Similar Part No. - 0801377

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801377 PHOENIX-0801377 Datasheet
113Kb / 6P
PIT 2,5 BU
0801377 PHOENIX-0801377 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
0801377 PHOENIX-0801377 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
0801377 PHOENIX-0801377 Datasheet
122Kb / 6P
PIT 2,5-QUATTRO-MT
0801377 PHOENIX-0801377 Datasheet
124Kb / 7P
PIT 2,5-QUATTRO-TG
More results

Similar Description - 0801377

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210224 PHOENIX-3210224 Datasheet
108Kb / 6P
PIT 2,5-DIO/L-R, Feed-through modular terminal block
3210237 PHOENIX-3210237 Datasheet
100Kb / 6P
PIT 2,5-DIO/R-L, Feed-through modular terminal block
3028937 PHOENIX-3028937 Datasheet
79Kb / 2P
ST 2,5-QUATTRO-DIO/L-R OG
3036233 PHOENIX-3036233 Datasheet
133Kb / 5P
ST 2,5-QUATTRO-DIO/L-R
3036534 PHOENIX-3036534 Datasheet
136Kb / 13P
Component terminal block - ST 2,5-QUATTRO-DIO/R-L
3209581 PHOENIX-3209581 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
3210266 PHOENIX-3210266 Datasheet
118Kb / 6P
PIT 2,5-QUATTRO-DIO/L-R
3211921 PHOENIX-3211921 Datasheet
133Kb / 7P
PIT 4-QUATTRO-DIO 1N 5408/R-L
3212112 PHOENIX-3212112 Datasheet
125Kb / 7P
PIT 4-DIO 1N 5408/L-R
3212125 PHOENIX-3212125 Datasheet
125Kb / 7P
PIT 4-DIO 1N 5408/R-L
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com