Electronic Components Datasheet Search
  English  ▼

X  

3211236 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3211236
Description  UK 10,3-HESI 1000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3211236 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3211236 Datasheet HTML 1Page - PHOENIX CONTACT 3211236 Datasheet HTML 2Page - PHOENIX CONTACT 3211236 Datasheet HTML 3Page - PHOENIX CONTACT 3211236 Datasheet HTML 4Page - PHOENIX CONTACT 3211236 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UK 10,3-HESI 1000V Order No.: 3211236
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211236
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 25, 2011
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, max.
4 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
1.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
10 mm²
Cross-section with insertion bridge, solid max.
10 mm²
Cross-section with insertion bridge, stranded max. 10 mm²
Type of connection
Screw connection
Stripping length
12 mm
Internal cylindrical gage
A7
Screw thread
M5
Tightening torque, min
2.5 Nm
Tightening torque max
3 Nm
Accessories
Item
Designation
Description
Assembly
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 DIN
rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip
marker KLM 2 and KLM, width: 9.5 mm, color: gray
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
Bridges
3009299
EB 56-18
Insertion bridge, Number of positions: 56, Color: gray
3009367
EB 56-18/L1-L2-L3
Insertion bridge, Number of positions: 56, Color: gray



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com