Electronic Components Datasheet Search
  English  ▼

X  

3211921 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 3211921
Description  PIT 4-QUATTRO-DIO 1N 5408/R-L
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3211921 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  3211921 Datasheet HTML 1Page - PHOENIX CONTACT 3211921 Datasheet HTML 2Page - PHOENIX CONTACT 3211921 Datasheet HTML 3Page - PHOENIX CONTACT 3211921 Datasheet HTML 4Page - PHOENIX CONTACT 3211921 Datasheet HTML 5Page - PHOENIX CONTACT 3211921 Datasheet HTML 6Page - PHOENIX CONTACT 3211921 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PIT 4-QUATTRO-DIO 1N 5408/R-L Order No.: 3211921
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211921
PHOENIX CONTACT GmbH & Co. KG
Page 6 / 7
http://www.phoenixcontact.com
Jul 15, 2011
0201692
MPS-IH YE
Insulating sleeve, Color: yellow
0201744
MPS-MT
Test plugs
3032871
PAI-4-N GY
Test adapter, Color: gray
3030996
PS-6
Test adapter, Color: red
Tools
1204517
SZF 1-0,6X3,5
Actuation tool, for ST terminal blocks, also suitable for use as a
bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-component grip,
with non-slip grip
Diagrams/Drawings
Circuit diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com